Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0299B Datasheet(PDF) 34 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STV0299B Datasheet HTML 28Page - STMicroelectronics STV0299B Datasheet HTML 29Page - STMicroelectronics STV0299B Datasheet HTML 30Page - STMicroelectronics STV0299B Datasheet HTML 31Page - STMicroelectronics STV0299B Datasheet HTML 32Page - STMicroelectronics STV0299B Datasheet HTML 33Page - STMicroelectronics STV0299B Datasheet HTML 34Page - STMicroelectronics STV0299B Datasheet HTML 35Page - STMicroelectronics STV0299B Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
STV0299B
34/36
7
APPLICATION BLOCK DIAGRAMS (continued)
Typical Application Diagram
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
17 18 19 20 21 22 23 24 25 26
31
27 28 29 30
32
64 63 62 61 60 59 58 57 56 55
50
54 53 52 51
49
OLF
OLF
ZIF tuner or convential tuner
5V
5V
5V 30V
5V
R
STV0299
5V
22k
10k
2V5D
2V5D
2V5A
120
5%
2V5A
120
2V5A
2V5D
Parallel DATA O/P
Symbols:
this symbol represents a
Digital ground
this symbol represents an
Analog ground
Requirements: The digital ground and
2x
2.2
µF
10nF
10nF
12
3W
100 nF
10k
10k
RESET
SDA
SCL
LNBP 15SP
3V3
2V5D
CONTROL
Serial
DATA O/P
D7
D0
22V
22 pF
22 pF
2V5A
2V5D
2V5D
2V5D
3V3
4MHz
R
120
5%
5%
2x
470
100 nF
100 nF
(option)
4MHz
Clock
12x47
2x
47 pF
2 x
100 nF
10k
R
≤10K
B
the analog ground must be connected
by only one track.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com