Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 100Page - Renesas Technology Corp M66596FP Datasheet HTML 101Page - Renesas Technology Corp M66596FP Datasheet HTML 102Page - Renesas Technology Corp M66596FP Datasheet HTML 103Page - Renesas Technology Corp M66596FP Datasheet HTML 104Page - Renesas Technology Corp M66596FP Datasheet HTML 105Page - Renesas Technology Corp M66596FP Datasheet HTML 106Page - Renesas Technology Corp M66596FP Datasheet HTML 107Page - Renesas Technology Corp M66596FP Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 104 of 127
4.7 Switching characteristics (VIF = 2.7~3.6V, or 1.6~2.0V)
Rated value
Symbol
Item
Measurement
conditions /
other
Min.
Typ.
Max.
Unit
Ref.
no.
ta (A)
Address access time
CL=50 pF
40
ns
1
tv (A)
Time that data is valid after address
CL=10 pF
2
ns
2
ta (CTRL - D)
Time that data can be accessed after
control
CL=50 pF
30
ns
3
tv (CTRL - D)
Time that data is valid after control
CL=10 pF
2
ns
4
ten (CTRL - D)
Time that data output is enabled after
control
2
ns
5
tdis (CTRL - D)
Time that data output is disabled after
control
CL=50 pF
30
ns
6
ta (CTRL - DV)
Time that data can be accessed after
control when split bus (DMA Interface)
Obus=0
CL=30 pF
30
ns
9
tv (CTRL – DV)
Time that data can is valid after control
when split bus (DMA Interface) Obus=0
CL=10 pF
2
ns
10
ta (CTRL - DendV)
Time that DEND output can be accessed
after control when split bus (DMA
Interface) Obus=0
CL=30 pF
30
ns
11
tv (CTRL - DendV)
Time that DEND output is valid after
control when CPU bus and split bus
(DMA Interface) Obus=0
CL=10 pF
2
ns
12
ta (CTRL - Dend)
Time that DEND output can be accessed
after control when split bus (DMA
Interface) Obus=1
CL=30 pF
30
ns
13
tv (CTRL – Dend)
Time that DEND output is valid after
control when CPU bus and split bus
(DMA Interface) Obus=1
CL=10 pF
2
ns
14
ten (CTRL – Dend)
Time that DEND output is enabled after
control when CPU bus and split bus
(DMA Interface) Obus=1
2
ns
15
tdis (CTRL-Dend)
Time that DEND output is disabled after
control when CPU bus and split bus
(DMA Interface) Obus=1
CL=30 pF
30
ns
16
tdis (CTRL – Dreq)
Time that DREQ is disabled after control
70
ns
17
tdis (CTRLH –Dreq)
Time that DREQ is disabled after control
70
ns
18
ten (CTRL – Dreq)
Time that DREQ is enabled after control
30
ns
19
twh (Dreq)
DREQ output "H" pulse width
20
50
ns
20
td (CTRL - INT)
INT output negated delay time
250
ns
21
twh (INT)
INT output “H” pulse width
650
ns
22
td (DREQ - DV)
Data access after DREQ begins to be
asserted when split bus (DMA Interface)
Obus=0
0
ns
23
td (DREQ - DendV)
Time that DEND can be accessed after
DREQ begins to be asserted when split
bus (DMA Interface) Obus=0
0
ns
24
Key
ta: Access time, tv: Valid time, ten: Output enabled time, tdis: Output disabled time, td: propagation delay
(A): Address, (D): Data, (Dend): DEND, (CTRL): Control, (V): Obus=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com