Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 103Page - Renesas Technology Corp M66596FP Datasheet HTML 104Page - Renesas Technology Corp M66596FP Datasheet HTML 105Page - Renesas Technology Corp M66596FP Datasheet HTML 106Page - Renesas Technology Corp M66596FP Datasheet HTML 107Page - Renesas Technology Corp M66596FP Datasheet HTML 108Page - Renesas Technology Corp M66596FP Datasheet HTML 109Page - Renesas Technology Corp M66596FP Datasheet HTML 110Page - Renesas Technology Corp M66596FP Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 107 of 127
4.9.1
CPU access timing(when a separate bus is set)
4.9.1.1 CPU access write timing (when a separate bus is set)
30
tsuw(A)
thw(A)
33
tw(cycle)
tw(CTRL)
trec(CTRL),
trecr(CTRL)
47
39
Note 1-1
tsu(D)
th(D)
43
44
A6-A1
CS_N
D15-D0
Note 1-2
Address determination
40
41
Data determination
Note 1-4
WR1_N,
WR0_N
4.9.1.2 CPU access read timing (when a separate bus is set)
31 tsur(A)
thr(A)
tw(cycle)
twr(CTRL)
trec(CTRL), trecr(CTRL)
47
42
Note 1-1
tv(CTRL-D)
tdis(CTRL-D)
5
ten(CTRL-D)
6
40
41
ta(CTRL-D)
3
ta(A)
1
CS_N
D15-D0
Note 1-3
2
34
tv(A)
4
Note 1-1
Note 1-4
Address determination
Data determination
RD_N
Note 1-1: tw (cycle) and trec (CTRL) are necessary when accessing the FIFO.
Note 1-2: The control signal when writing data is a combination of CS_N, WR1_N, and WR0_N.
Note 1-3: The control signal when reading data is a combination of CS_N and RD_N.
Note 1-4: RD_N, WR0_N and WR1_N should not be timed to fall at the same time that CS_N is rising. Similarly,
CS_N should not be timed to fall at the same timing that WR0_N and WR1_N are rising. In the instances noted
above, an interval of at least 10 ns must be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com