Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 108Page - Renesas Technology Corp M66596FP Datasheet HTML 109Page - Renesas Technology Corp M66596FP Datasheet HTML 110Page - Renesas Technology Corp M66596FP Datasheet HTML 111Page - Renesas Technology Corp M66596FP Datasheet HTML 112Page - Renesas Technology Corp M66596FP Datasheet HTML 113Page - Renesas Technology Corp M66596FP Datasheet HTML 114Page - Renesas Technology Corp M66596FP Datasheet HTML 115Page - Renesas Technology Corp M66596FP Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 112 of 127
4.9.3.6 DMA cycle steal transfer write timing (CPU separate bus setting: DFORM=000)
50
tsud (A)
thd (A)
51
tw (CTRL) 39
tsu (D)
th (D)
43
44
A6-A1
CS_N
WR0_N,
WR1_N
D15-D0
tdis (CTRLH - Dreq)
twh (Dreq)
18
20
ten (CTRL - Dreq) 19
DREQi_N
(i=0,1)
Note 3-5
tsu (DEND)
th (DEND)
45
46
DENDi _N
(i=0,1)
Note 3-7
Data determination
DENDi_N determination
Address determination
Note 3-1
4.9.3.7 DMA cycle steal transfer read timing (CPU separate bus setting: DFORM=000)
31
tsur (A)
thr (A)
34
twr (CTRL)
42
tv (CTRL - D)
tdis (CTRL - D)
5
ten (CTRL - D)
4
6
ta (CTRL - D)
3
ta (A)
1
Note 3-6
2
tv (A)
tdis (CTRL - Dreq)
17
twh (Dreq)
20
ten (CTRL - Dreq)
19
Note 3-7
ta (CTRL - DendV)
11
tv (CTRL - DendV)
12
Data determination
CS_N
RD_N
D15-D0
DREQi_N
(i=0,1)
DENDi _N
(i=0,1)
A6-A1
Address determination
Note 3-1
DENDi_N determination
Note 3-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com