Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66596FP Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # M66596FP
Description  ASSP (USB2.0 Dual Function Controller)
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66596FP Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button M66596FP Datasheet HTML 112Page - Renesas Technology Corp M66596FP Datasheet HTML 113Page - Renesas Technology Corp M66596FP Datasheet HTML 114Page - Renesas Technology Corp M66596FP Datasheet HTML 115Page - Renesas Technology Corp M66596FP Datasheet HTML 116Page - Renesas Technology Corp M66596FP Datasheet HTML 117Page - Renesas Technology Corp M66596FP Datasheet HTML 118Page - Renesas Technology Corp M66596FP Datasheet HTML 119Page - Renesas Technology Corp M66596FP Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 131 page
background image
M66596FP/WG
rev .1.00
2006.3.14
page 116 of 127
Note 3-1: The inactive condition for DREQi_N (i=0, 1) is the control signal. If there is a next DMA transfer, the delay
ratings for twh (Dreq) and ten (CTRL-Dreq) will be valid for the time until DREQi_N becomes active is twh
(Dreq).
Note 3-2: The control signal when writing data is a combination of DACKi_N, WR1_N, and WR0_N.
Note 3-3: The control signal when reading data is a combination of DACKi_N and RD_N.
Note 3-4: The control signal when writing data is a combination of DACK0 and DSTRB0_N.
Note 3-5: The control signal when writing data is a combination of CS_N, WR0_N and WR1_N.
Note 3-6: The control signal when reading data is a combination of CS_N and RD_N.
Note 3-7: RD_N, WR0_N and WR1_N should not be timed to fall at the same time that CS_N is rising. Similarly, CS_N
should not be timed to fall at the same timing that RD_N or WR0_N and WR1_N are rising. In the instances
noted above, an interval of at least 10 ns must be left open.
Note 3-8: RD_N, WR0_N and WR1_N should not be timed to fall at the same time that DACKi_N is rising (or falling).
Similarly, DACK should not be timed to fall (or rise) at the same timing that RD_N or WR0_N and WR1_N are
rising. In the instances noted above, an interval of at least 10 ns must be left open.
Note 3-9: When the receipt data is one byte, the data determined time is "(23)td(DREQ-DV)" and the DEND determined
time is "(24)td(DREQ-DendV)".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com