Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 102Page - Renesas Technology Corp 4513 Datasheet HTML 103Page - Renesas Technology Corp 4513 Datasheet HTML 104Page - Renesas Technology Corp 4513 Datasheet HTML 105Page - Renesas Technology Corp 4513 Datasheet HTML 106Page - Renesas Technology Corp 4513 Datasheet HTML 107Page - Renesas Technology Corp 4513 Datasheet HTML 108Page - Renesas Technology Corp 4513 Datasheet HTML 109Page - Renesas Technology Corp 4513 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 210 page
background image
4513/4514 Group User’s Manual
APPLICATION
2-3
2.1 I/O pins
(4)
Port P3
Port P3 is a 4-bit I/O port for the 4514 Group, and a 2-bit I/O port for the 4513 Group.
s Input/output of port P3
q
q
q
q
Data input to port P3
Set the output latch of specified port P3i (i=0 to 3) to “1” with the OP3A instruction. If the output
latch is set to “0,” “L” level is input.
The state of port P3 is transferred to register A when the IAP3 instruction is executed.
However, A2 and A3 are undefined in the 4513 Group.
Data output from port P3
The contents of register A is output to port P3 with the OP3A instruction.
The output structure is an N-channel open-drain.
(5)
Port P4 (The 4513 Group does not have this port.)
Port P4 is a 4-bit I/O port.
s Input/output of port P4
Ports P40–P43 are also used as AIN4–AIN7. Therefore, when P40/AIN4–P43/AIN7 are used as port
P4, set corresponding bits of A-D control register Q2 to “0”.
q Data input to port P4
Set the output latch of specified port P4i (i=0 to 3) to “1” with the OP4A instruction. If the output
latch is set to “0,” “L” level is input.
The state of port P4 is transferred to register A when the IAP4 instruction is executed.
Data output from port P4
The contents of register A is output to port P4 with the OP4A instruction.
The output structure is an N-channel open-drain.
(6)
Port P5 (The 4513 Group does not have this port.)
Port P5 is a 4-bit I/O port.
s Input/output of port P5
Port P5 has direction register FR0 to input/output by the bit.
q Data input to port P5
Set the bit of register FR0i(i=0 to 3) corresponding to specified port P5i (i=0 to 3) to “0.” When
the register FR0 is set to “1,” the value of output latch is input.
The state of port P5 is transferred to register A when the IAP5 instruction is executed.
Data output from port P5
Set the bit of register FR0i(i=0 to 3) corresponding to specified port P5i (i=0 to 3) to “1.” When
the register FR0 is set to “0,” specified port P5i is in the high-impedance state.
The contents of register A is output to port P5 with the OP5A instruction.
The output structure is CMOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com