Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 104Page - Renesas Technology Corp 4513 Datasheet HTML 105Page - Renesas Technology Corp 4513 Datasheet HTML 106Page - Renesas Technology Corp 4513 Datasheet HTML 107Page - Renesas Technology Corp 4513 Datasheet HTML 108Page - Renesas Technology Corp 4513 Datasheet HTML 109Page - Renesas Technology Corp 4513 Datasheet HTML 110Page - Renesas Technology Corp 4513 Datasheet HTML 111Page - Renesas Technology Corp 4513 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 210 page
background image
4513/4514 Group User’s Manual
APPLICATION
2-5
2.1 I/O pins
(2)
Key-on wakeup control register K0
Register K0 controls the ON/OFF of the key-on wakeup function of ports P00–P03 and P10–P13.
Set the contents of this register through register A with the TK0A instruction.
The contents of register K0 is transferred to register A with the TAK0 instruction.
Table 2.1.2 shows the key-on wakeup control register K0.
Table 2.1.2 Key-on wakeup control register K0
Key-on wakeup control register K0
at reset : 00002
at RAM back-up : state retained
R/W
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Ports P12, P13
key-on wakeup control bit
Ports P10, P11
key-on wakeup control bit
Ports P02, P03
key-on wakeup control bit
Ports P00, P01
key-on wakeup control bit
0
1
0
1
0
1
0
1
K03
K02
K01
K00
Note: “R” represents read enabled, and “W” represents write enabled.
(3)
A-D control register Q2
Bits 0 to 2 of register Q2 controls the pin function selection bits.
Set the contents of this register through register A with the TQ2A instruction.
The contents of register Q2 is transferred to register A with the TAQ2 instruction.
Table 2.1.3 shows the A-D control register Q2.
Table 2.1.3 A-D control register Q2
A-D control register Q2
at reset : 00002
at RAM back-up : state retained
R/W
A-D conversion mode
Comparator mode
P43, P42 (I/O) (Note 4)
AIN7, AIN6/P43, P42 (Output) (Note 4)
P41 (I/O) (Note 4)
AIN5/P41 (Output) (Note 4)
P40 (I/O) (Note 4)
AIN4/P40 (Output) (Note 4)
A-D operation mode control bit
P43/AIN7, P42/AIN6 pin function
selection bit (Note 3)
P41/AIN5 pin function selection bit
(Note 3)
P40/AIN4 pin function selection bit
(Note 3)
0
1
0
1
0
1
0
1
Q23
Q22
Q21
Q20
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: Select AIN4–AIN7 with register Q1 after setting register Q2.
3: For the 4513 Group, these bits are not used.
4: For the 4513 Group, only read/write of these bits is enabled.
5: When setting ports, Q23 is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com