Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 139Page - Renesas Technology Corp 4513 Datasheet HTML 140Page - Renesas Technology Corp 4513 Datasheet HTML 141Page - Renesas Technology Corp 4513 Datasheet HTML 142Page - Renesas Technology Corp 4513 Datasheet HTML 143Page - Renesas Technology Corp 4513 Datasheet HTML 144Page - Renesas Technology Corp 4513 Datasheet HTML 145Page - Renesas Technology Corp 4513 Datasheet HTML 146Page - Renesas Technology Corp 4513 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 210 page
background image
APPLICATION
2.4 Serial I/O
2-40
4513/4514 Group User’s Manual
2.4 Serial I/O
The 4513/4514 Group has a clock-synchronous serial I/O which can be used to transmit and receive 8-bit
data.
This section describes serial I/O functions, related registers, application examples using serial I/O and
notes.
2.4.1 Carrier functions
Serial I/O consists of the serial I/O register SI, serial I/O mode register J1, serial I/O transmit/receive
completion flag SIOF and serial I/O counter.
A clock-synchronous serial I/O uses the shift clock generated by the clock control circuit as a synchronous
clock. Accordingly, the data transmit and receive operations are synchronized with this shift clock.
In transmit operation, data is transmitted bit by bit from the SOUT pin synchronously with the falling edges
of the shift clock.
In receive operation, data is received bit by bit from the SIN pin synchronously with the rising edges of the
shift clock.
Note: 4513/4514 Group only supports LSB-first transmission and reception.
s
Shift clock
When using the internal clock of 4513/4514 Group as a synchronous clock, eight shift clock pulses
are output from the SCK pin when a transfer operation is started. Also, when using some external
clock as a synchronous clock, the clock that is input from the SCK pin is used as the shift clock.
s
Data transfer rate (baudrate)
When using the internal clock, the data transfer rate can be determined by selecting the instruction
clock divided by 4 or 8.
When using an external clock, the clock frequency input to the SCK pin determines the data transfer
rate.
Figure 2.4.1 shows the serial I/O block diagram.
Fig. 2.4.1 Serial I/O block diagram
J12
SIOF
J12
J11
J10
J11
J10
MSB
1/4
1/8
1
0
P21/SOUT
P22/SIN
P20/SCK
TSIAB
TABSI
SOUT
SIN
SCK
J13
MR3
1
0
XIN
Division circuit
(divided by 2)
Internal clock
generation circuit
(divided by 3)
Instruction clock
Serial I/O mode register J1
Serial I/O interrupt
Serial I/O counter (3)
Synchronous
circuit
Register B (4)
Register A (4)
Serial I/O register SI (8)
LSB
Note: The output structure of SCK and SOUT pins is N-channel open-drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com