Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 141Page - Renesas Technology Corp 4513 Datasheet HTML 142Page - Renesas Technology Corp 4513 Datasheet HTML 143Page - Renesas Technology Corp 4513 Datasheet HTML 144Page - Renesas Technology Corp 4513 Datasheet HTML 145Page - Renesas Technology Corp 4513 Datasheet HTML 146Page - Renesas Technology Corp 4513 Datasheet HTML 147Page - Renesas Technology Corp 4513 Datasheet HTML 148Page - Renesas Technology Corp 4513 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 210 page
background image
APPLICATION
2.4 Serial I/O
2-42
4513/4514 Group User’s Manual
2.4.3 Operation description
Figure 2.4.2 shows the serial I/O connection example, Figure 2.4.3 shows the serial I/O register state, and
Figure 2.4.4 shows the serial I/O transfer timing.
Fig. 2.4.2 Serial I/O connection example
Fig. 2.4.3 Serial I/O register state when transmitting/receiving
S7 S6 S5 S4 S3 S2 S1 S0
M7 M6 M5 M4
M2
M3
M1 M0
Master (M7–M0: Transfer data)
Serial I/O register (SI)
SIN pin
SIN pin
SOUT pin
SOUT pin
Slave (S7–S0: Transfer data)
Serial I/O register (SI)
M7 M6 M5 M4
M2
M3
M1 M0
M6 M5 M4
M2
M3
M1
M6 M5 M4
M2
M3
M1
S0
M7
M7
M6 M5 M4
M2
M3
S0 M7
S7 S6 S5 S4 S3 S2 S1 S0
S7 S6 S5 S4 S3 S2 S1 S0
S7 S6 S5 S4 S3 S2 S1
S7 S6 S5 S4 S3 S2 S1
M0
S7 S6 S5 S4 S3 S2
M0
M7 M6 M5 M4
M2
M3
M1 M0
Transfer data setting
Transfer starts
Falling of clock
Rising of clock
Falling of clock
Transfer completes
∗
∗
∗
∗
SOUT
SCK
SIN
D5
SCK
SOUT
SIN
D5
4513/4514
4513/4514
Master (internal clock selected)
Slave (external clock selected)
Control signal
Note: The control signal is used to inform the master by the pin level
that the slave is in a ready state to receive.
The 4513/4514 Group does not have a control pin exclusively
used for serial I/O.
Accordingly, if a control signal is required, use the normal input/output ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com