Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 144Page - Renesas Technology Corp 4513 Datasheet HTML 145Page - Renesas Technology Corp 4513 Datasheet HTML 146Page - Renesas Technology Corp 4513 Datasheet HTML 147Page - Renesas Technology Corp 4513 Datasheet HTML 148Page - Renesas Technology Corp 4513 Datasheet HTML 149Page - Renesas Technology Corp 4513 Datasheet HTML 150Page - Renesas Technology Corp 4513 Datasheet HTML 151Page - Renesas Technology Corp 4513 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 210 page
background image
APPLICATION
2.4 Serial I/O
2-45
4513/4514 Group User’s Manual
(2)
Transmit/receive operation of slave
Œ The transmit data is written into the serial I/O register SI with the TSIAB instruction. When the
TSIAB instruction is executed, the contents of register A are transferred to the low-order bits of
register SI and the contents of register B are transferred to the high-order bits of register SI. At
this time, the SCK pin must be at the “H” level.
 Serial transfer is started with the SST instruction. However, in Figure 2.4.2 where an external
clock is selected, transfer is not started until the clock is input. When the SST instruction is
executed, the serial I/O transmit/receive completion flag (SIOF) is cleared to “0.”
Ž The microcomputer on the transmitting side is informed that the receiving side is ready to receive.
In the connection example in Figure 2.4.2, this notification is done by pulling the control signal “L”
level.
 The transmit data is output from the SOUT pin synchronously with the falling edges of the shift
clock.
 The transmit data is output bit by bit beginning with the LSB bit of register SI. Each time one bit
is output, the contents of register SI are shifted to one bit position toward the LSB.
‘ Also, the receive data is input from the SIN pin synchronously with the rising edges of the shift
clock.
’ The receive data is input bit by bit to the MSB bit of register SI.
“ A serial I/O interrupt request occurs when the transmit/receive of data is completed, and the SIOF
flag is set to “1.”
” The receive data is taken in within the serial I/O interrupt service routine; or the data is taken in
after examining the completion of the transmit/receive operation with the SNZSI instruction without
using an interrupt.
Also, the SIOF flag is cleared to “0” when an interrupt occurs or the SNZSI instruction is executed.
Make sure that the control signal pin level is “H” after the receive operation is completed.
Note: Repeat steps Œ through ” to transmit or receive multiple data in succession.
2.4.4 Serial I/O application example
(1)
Serial I/O
Outline: The 4513/4514 Group can communicate with peripheral ICs.
Specifications: Figure 2.4.2 Serial I/O connection example.
Figure 2.4.5 shows the master serial I/O setting example, and Figure 2.4.6 shows the slave serial
I/O setting example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com