Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 146Page - Renesas Technology Corp 4513 Datasheet HTML 147Page - Renesas Technology Corp 4513 Datasheet HTML 148Page - Renesas Technology Corp 4513 Datasheet HTML 149Page - Renesas Technology Corp 4513 Datasheet HTML 150Page - Renesas Technology Corp 4513 Datasheet HTML 151Page - Renesas Technology Corp 4513 Datasheet HTML 152Page - Renesas Technology Corp 4513 Datasheet HTML 153Page - Renesas Technology Corp 4513 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 210 page
background image
APPLICATION
2.4 Serial I/O
2-47
4513/4514 Group User’s Manual
Fig. 2.4.6 Slave serial I/O example
b3
b0
Œ Disable Interrupts
Serial I/O interrupt is temporarily disabled.
Interrupt enable flag INTE
Interrupt control register V2
“0”
!
!
All interrupts disabled (DI instruction)
Serial I/O interrupt occurrence disabled
(TV2A instruction)
0
!
 Set Serial I/O
Serial I/O mode register J1
b3
b0
! 1
!
Exernal clock selected (TJ1A instruction)
Serial I/O port selected
0
g0 h
Ž Clear Interrupt Request
Serial I/O interrupt activated condition is cleared.
Serial I/O transmit/receive
completion flag SIOF
“0”
Serial I/O interrupt activated condition cleared
(SNZSI instruction)
Note when the interrupt request is cleared
When Ž is executed, considering the skip of the next instruction according to the
SIOF flag, insert the NOP instruction after the SNZSI instruction.
When interrupt is
not used
When interrupt is used
 Set Interrupt
Interrupts except serial I/O is enabled
(EI instruction)
 Set Interrupt
Serial I/O interrupt temporarily disabled is enabled.
b3
b0
1 !!!
Interrupt control register V2
Serial I/O interrupt occurrence
enabled (TV2A instruction)
Interrupt enable flag INTE
“1”
All interrupts enabled
(EI instruction)
 Set When Transmit/Receive Operation Start Enabled
Serial transfer start state (SST instruction)
System enters to control signal transmission enabled state (“L” level)
However, SCK pin initial level = “H” level
‘ Start Serial I/O Operation
Serial transfer starts by clock of master side
’ Check Serial I/O Interrupt Request
SIOF flag is checked (SNZSI instruction).
’ Serial I/O Interrupt Occur
“ Receive Data Processing
System enters to control signal transmission disabled state (“H” level)
Data processing received by serial transfer is executed.
Register SI
→ register A, register B (TABSI instruction)
When serial communication is executed,  to “ are repeated.
“!”: it can be “0” or “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com