Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 147Page - Renesas Technology Corp 4513 Datasheet HTML 148Page - Renesas Technology Corp 4513 Datasheet HTML 149Page - Renesas Technology Corp 4513 Datasheet HTML 150Page - Renesas Technology Corp 4513 Datasheet HTML 151Page - Renesas Technology Corp 4513 Datasheet HTML 152Page - Renesas Technology Corp 4513 Datasheet HTML 153Page - Renesas Technology Corp 4513 Datasheet HTML 154Page - Renesas Technology Corp 4513 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 210 page
background image
APPLICATION
2.4 Serial I/O
2-48
4513/4514 Group User’s Manual
2.4.5 Notes on use
(1)
Note when an external clock is used as a synchronous clock:
• An external clock is selected as the synchronous clock, the clock is not controlled internally.
• Serial transfer is continued as long as an external clock is input. If an external clock is input 9 times
or more and serial transfer is continued, the receive data is transferred directly as transmit data,
so that be sure to control the clock externally.
Note also that the SIOF flag is set when a clock is counted 8 times.
• Make sure that the initial input level on the external clock pin is always “H” level.
• Table 2.4.2 shows the recommended operating conditions when using serial I/O with an external
clock. Figure 2.4.7 shows an input waveform of external clock.
Table 2.4.2 Recommended operating conditions (serial I/O)
Parameter
Serial I/O external clock period
(Note 1)
Condition
Middle-speed mode
High-speed mode
VDD = 4.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 2.0 V to 5.5 V (Note 2)
VDD = 4.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 2.0 V to 5.5 V (Note 2)
Limits
Min.
1.5
3.0
4.0
750
1.5
2.0
Max.
Unit
µs
ns
µs
Typ.
Notes 1: Limits shown in Table 2.4.2 represent the pulse widths of “H” and “L.”
2: It is effective only for mask version.
Fig. 2.4.7 Input waveform of external clock
External clock
input waveform
“L” pulse width “H” pulse width
Note: Set “H” and “L” pulse width for external waveform according to using
supply voltage and recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com