Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 155Page - Renesas Technology Corp 4513 Datasheet HTML 156Page - Renesas Technology Corp 4513 Datasheet HTML 157Page - Renesas Technology Corp 4513 Datasheet HTML 158Page - Renesas Technology Corp 4513 Datasheet HTML 159Page - Renesas Technology Corp 4513 Datasheet HTML 160Page - Renesas Technology Corp 4513 Datasheet HTML 161Page - Renesas Technology Corp 4513 Datasheet HTML 162Page - Renesas Technology Corp 4513 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 210 page
background image
APPLICATION
2-56
4513/4514 Group User’s Manual
2.7 Reset
System reset is performed by applying “L” level to the RESET pin for 1 machine cycle or more when the
following conditions are satisfied:
the value of supply voltage is the minimum value or more of the recommended operating conditions
oscillation is stabilized.
Then when “H” level is applied to RESET pin, the software starts from address 0 in page 0 after elapsing
of the internal oscillation stabilizing time (f(XIN) is counted for 16892 to 16895 machine cycles). Figure 2.7.2
shows the oscillation stabilizing time.
2.7.1 Reset circuit
The 4513/4514 Group has the power-on reset circuit and voltage drop detection circuit.
(1)
Power-on reset
Reset can be performed automatically at power on (power-on reset) by connecting resistors, a diode,
and a capacitor to RESET pin. Connect a capacitor between the RESET pin and VSS at the shortest
distance.
Fig. 2.7.1 Power-on reset circuit example
Fig. 2.7.2 Oscillation stabilizing time after system is released from reset
RESET
0.3VDD
0.85VDD
Software starts
(address 0 in page 0)
f(XIN)
is counted 16892 to
16895 times.
(Note)
Note: Keep the value of supply voltage to the minimum value
or more of the recommended operating conditions.
Reset input
1 machine cycle or more
2.7 Reset
VDD
RESET pin
WEF
(Note)
Internal reset signal
Voltage drop detection circuit
Watchdog timer output
VDD
RESET pin voltage
Power-on
Reset released
Internal reset signal
Reset state
Note:
This symbol represents a parasitic diode.
Applied potential to RESET pin must be VDD or less.
q
q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com