Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 158Page - Renesas Technology Corp 4513 Datasheet HTML 159Page - Renesas Technology Corp 4513 Datasheet HTML 160Page - Renesas Technology Corp 4513 Datasheet HTML 161Page - Renesas Technology Corp 4513 Datasheet HTML 162Page - Renesas Technology Corp 4513 Datasheet HTML 163Page - Renesas Technology Corp 4513 Datasheet HTML 164Page - Renesas Technology Corp 4513 Datasheet HTML 165Page - Renesas Technology Corp 4513 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 210 page
background image
APPLICATION
2-59
4513/4514 Group User’s Manual
2.9 RAM back-up
2.9 RAM back-up
2.9.1 RAM back-up mode
The system enters RAM back-up mode when the POF instruction is executed after the EPOF instruction
is executed. Table 2.9.1 shows the function and state retained at RAM back-up mode. Also, Table 2.9.2
shows the return source from this state.
(1)
RAM back-up mode
As oscillation stops with RAM, the state of reset circuit retained, current dissipation can be reduced
without losing the contents of RAM.
Function
Program counter (PC), registers A, B,
carry flag (CY), stack pointer (SP) (Note 2)
Contents of RAM
Port level
Timer control register W1
Timer control registers W2 to W4. W6
Clock control register MR
Interrupt control registers V1, V2
Interrupt control registers I1, I2
Timer 1 function
Timer 2 function
Timer 3 function
Timer 4 function
A-D function
A-D control registers Q1, Q2
Voltage comparator function
Voltage comparator control register Q3
Serial I/O function
Serial I/O mode register J1
RAM back-up
!
O
O
!
O
!
!
O
!
(Note 3)
(Note 3)
(Note 3)
!
O
O (Note 5)
O
!
O
Table 2.9.1 Functions and states retained at RAM back-up mode
Function
Pull-up control register PU0
Key-on wakeup control register K0
Direction register FR0
External 0 interrupt request flag (EXF0)
External 1 interrupt request flag (EXF1)
Timer 1 interrupt request flag (T1F)
Timer 2 interrupt request flag (T2F)
Timer 3 interrupt request flag (T3F)
Timer 4 interrupt request flag (T4F)
Watchdog timer flags (WDF1, WDF2)
Watchdog timer enable flag (WEF)
16-bit timer (WDT)
A-D conversion completion flag (ADF)
Serial I/O transmit/receive completion flag
(SIOF)
Interrupt enable flag (INTE)
RAM back-up
O
O
O
!
!
!
(Note 3)
(Note 3)
(Note 3)
! (Note 4)
! (Note 4)
! (Note 4)
!
!
!
Notes 1: “O” represents that the function can be retained, and “!” represents that the function is initialized.
Registers and flags other than the above are undefined at RAM back-up, and set an initial value
after returning.
2: The stack pointer (SP) points the level of the stack register and is initialized to “7” at RAM back-
up.
3: The state of the timer is undefined.
4: Initialize the watchdog timer with the WRST instruction, and then execute the POF instruction.
5: The state is retained when the voltage comparator function is selected with the voltage comparator
control register Q3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com