Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 160Page - Renesas Technology Corp 4513 Datasheet HTML 161Page - Renesas Technology Corp 4513 Datasheet HTML 162Page - Renesas Technology Corp 4513 Datasheet HTML 163Page - Renesas Technology Corp 4513 Datasheet HTML 164Page - Renesas Technology Corp 4513 Datasheet HTML 165Page - Renesas Technology Corp 4513 Datasheet HTML 166Page - Renesas Technology Corp 4513 Datasheet HTML 167Page - Renesas Technology Corp 4513 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 210 page
background image
APPLICATION
2-61
4513/4514 Group User’s Manual
2.9 RAM back-up
(2)
Pull-up control register PU0
Pull-up control register PU0 controls the pull-up functions of ports P00–P03, P10–P13.
Set the contents of this register through register A with the TPU0A instruction. The TAPU0 instruction
can be used to transfer the contents of register PU0 to register A.
Table 2.9.5 shows the pull-up control register PU0.
Table 2.9.5 Pull-up control register PU0
Pull-up control register PU0
at reset : 00002
at RAM back-up : state retained
R/W
Pull-up transistor OFF
Pull-up transistor ON
Pull-up transistor OFF
Pull-up transistor ON
Pull-up transistor OFF
Pull-up transistor ON
Pull-up transistor OFF
Pull-up transistor ON
Pins P1 2 and P1 3 pull-up
transistor control bit
Pins P1 0 and P1 1 pull-up
transistor control bit
Pins P0 2 and P0 3 pull-up
transistor control bit
Pins P0 0 and P0 1 pull-up
transistor control bit
0
1
0
1
0
1
0
1
PU03
PU02
PU01
PU00
Note: “R” represents read enabled, and “W” represents write enabled.
(3)
Interrupt control register I1
The interrupt valid waveform for INT0 pin/return level selection bit is assigned to bit 2, INT0 pin edge
detection circuit control bit is assigned to bit 1, and INT0 pin timer 1 control enable bit is assigned
to bit 0.
Set the contents of this register through register A with the TI1A instruction.
In addition, the TAI1 instruction can be used to transfer the contents of register I1 to register A.
Table 2.9.6 shows the interrupt control register I1.
Table 2.9.6 Interrupt control register I1
Interrupt control register I1
at reset : 00002
at RAM back-up : state retained
R/W
This bit has no function, but read/write is enabled.
Falling waveform (“L” level of INT0 pin is recognized
with the SNZI0 instruction)/“L” level
Rising waveform (“H” level of INT0 pin is recognized
with the SNZI0 instruction)/“H” level
One-sided edge detected
Both edges detected
Disabled
Enabled
Not used
Interrupt valid waveform for INT0
pin/return level selection bit
(Note 2)
INT0 pin edge detection circuit
control bit
INT0 pin
timer 1 control enable bit
0
1
0
1
0
1
0
1
I13
I12
I11
I10
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: When the contents of I12 is changed, the external interrupt request flag EXF0 may be set.
Accordingly, clear EXF0 flag with the SNZ0 instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com