Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 162Page - Renesas Technology Corp 4513 Datasheet HTML 163Page - Renesas Technology Corp 4513 Datasheet HTML 164Page - Renesas Technology Corp 4513 Datasheet HTML 165Page - Renesas Technology Corp 4513 Datasheet HTML 166Page - Renesas Technology Corp 4513 Datasheet HTML 167Page - Renesas Technology Corp 4513 Datasheet HTML 168Page - Renesas Technology Corp 4513 Datasheet HTML 169Page - Renesas Technology Corp 4513 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 210 page
background image
APPLICATION
2-63
4513/4514 Group User’s Manual
2.10 Oscillation circuit
2.10 Oscillation circuit
The 4513/4514 Group has an internal oscillation circuit to produce the clock required for microcomputer
operation.
The clock signal f(XIN) is obtained by connecting a ceramic resonator to XIN pin and XOUT pin.
2.10.1 Oscillation circuit
(1)
f(XIN) clock generating circuit
The clock signal f(XIN) is obtained by connecting a ceramic resonator externally.
Connect this external circuit to pins XIN and XOUT at the shortest distance. A feed-back resistor is
built-in between XIN pin and XOUT pin.
Figure 2.10.1 shows an example of an oscillation circuit connecting a ceramic resonator externally.
Keep the maximum value of oscillation frequency within the range listed Table 2.10.1.
Supply voltage
2.5 V to 5.5 V
4.0 V to 5.5 V
2.5 V to 5.5 V
2.0 V to 5.5 V (Note)
2.0 V to 5.5 V (Note)
(System clock)
(f(XIN)/2) Middle-speed mode
(f(XIN))
High-speed mode
(f(XIN))
High-speed mode
(f(XIN)/2) Middle-speed mode
(f(XIN))
High-speed mode
Oscillation frequency
4.2 MHz
4.2 MHz
2.0 MHz
3.0 MHz
1.5 MHz
Note: 2.5 V to 5.5 V for the One Timer PROM version.
Table 2.10.1 Maximum value of oscillation frequency and supply voltage
Fig. 2.10.1 Oscillation circuit example connecting
ceramic resonator externally
Note: Externally connect a
damping resistor Rd de-
pending on the oscilla-
tion frequency. (A feed-
back resistor is built-in.)
Use
the
resonator
manufacturer’s recom-
mended value because
constants such as ca-
pacitance depend on the
resonator.
4513/4514
XIN
XOUT
Rd
CIN
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com