Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 163Page - Renesas Technology Corp 4513 Datasheet HTML 164Page - Renesas Technology Corp 4513 Datasheet HTML 165Page - Renesas Technology Corp 4513 Datasheet HTML 166Page - Renesas Technology Corp 4513 Datasheet HTML 167Page - Renesas Technology Corp 4513 Datasheet HTML 168Page - Renesas Technology Corp 4513 Datasheet HTML 169Page - Renesas Technology Corp 4513 Datasheet HTML 170Page - Renesas Technology Corp 4513 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 210 page
background image
APPLICATION
2-64
4513/4514 Group User’s Manual
2.10 Oscillation circuit
2.10.2 Oscillation operation
System clock is supplied to CPU and peripheral device as the standard clock for the microcomputer
operation. For the 4513/4514 Group, the clock (f(XIN)), (f(XIN)/2) which is supplied from the oscillation
circuit is selected with the register MR.
Figure 2.10.2 shows the structure of the clock control circuit.
Fig. 2.10.2 Structure of clock control circuit
2.10.3 Notes on use
(1)
Value of a part connected to an oscillator
Values of a capacitor and a resistor of the oscillation circuit depend on the connected oscillator and
the board. Accordingly, consult the oscillator manufacturer for values of each part connected the
oscillator.
Instruction clock
MR3
1
0
RESET
Falling detected
Ports P00, P01
Ports P02, P03
Ports P10, P11
Ports P12, P13
Multi-
plexer
K00,K01,K02,K03
Counter
Wait time (Note)
control circuit
Software
start signal
R
S
Q
POF instruction
XIN
XOUT
I12
0
1
P30/INT0
Key-on wake up control register
I22
0
1
P31/INT1
Oscillation
circuit
Division circuit
(divided by 2)
Internal clock
generation circuit
(divided by 3)
“H” level
“L” level
“H” level
Note: The wait time control circuit is used to generate the time required to stabilize the f(XIN) oscillation.
System clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com