Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 201Page - Renesas Technology Corp 4513 Datasheet HTML 202Page - Renesas Technology Corp 4513 Datasheet HTML 203Page - Renesas Technology Corp 4513 Datasheet HTML 204Page - Renesas Technology Corp 4513 Datasheet HTML 205Page - Renesas Technology Corp 4513 Datasheet HTML 206Page - Renesas Technology Corp 4513 Datasheet HTML 207Page - Renesas Technology Corp 4513 Datasheet HTML 208Page - Renesas Technology Corp 4513 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 210 page
background image
3-38
APPENDIX
4513/4514 Group User’s Manual
3.6 Mark specification form
42P2R-A (42-PIN SHRINK SOP) MARK SPECIFICATION FORM
Mitsubishi IC catalog name
Please choose one of the marking types below (A, B, C), and enter the Mitsubishi catalog name and the special mark (if needed).
A. Standard Mitsubishi Mark
C. Special Mark Required
B. Customer’s Parts Number + Mitsubishi catalog name
Mitsubishi IC catalog name
Mitsubishi IC catalog name
Note1 : If the Special Mark is to be Printed, indicate the desired
layout of the mark in the left figure. The layout will be
duplicated as close as possible.
Mitsubishi lot number (6-digit or 7-digit) and Mask ROM
number (3-digit) are always marked.
2 : If the customer’s trade mark logo must be used in the
Special Mark, check the box below.
Please submit a clean original of the logo.
For the new special character fonts a clean font original
(ideally logo drawing) must be submitted.
Special logo required
Customer’s Par ts Number
Note
: The fonts and size of characters are standard Mitsubishi type.
Mitsubishi IC catalog name
Note1 : The mark field should be written right aligned.
2 : The fonts and size of characters are standard Mitsubishi type.
3 : Customer’s Parts Number can be up to 11 characters : Only 0 ~
9, A ~ Z, +, –, /, (, ), &,
©,
. (periods),, (commas) are usable.
4 : If the Mitsubishi logo
is not required, check the box below.
Mitsubishi logo is not required
Mitsubishi lot number
(6-digit or 7-digit)
1
21
22
42
Mitsubishi lot number
(6-digit or 7-digit)
1
21
22
42
1
21
22
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com