Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 207 Page - Renesas Technology Corp

Part # 4513
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 207 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 202Page - Renesas Technology Corp 4513 Datasheet HTML 203Page - Renesas Technology Corp 4513 Datasheet HTML 204Page - Renesas Technology Corp 4513 Datasheet HTML 205Page - Renesas Technology Corp 4513 Datasheet HTML 206Page - Renesas Technology Corp 4513 Datasheet HTML 207Page - Renesas Technology Corp 4513 Datasheet HTML 208Page - Renesas Technology Corp 4513 Datasheet HTML 209Page - Renesas Technology Corp 4513 Datasheet HTML 210Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 207 / 210 page
background image
3-40
APPENDIX
4513/4514 Group User’s Manual
3.7 Package outline
SSOP42-P-450-0.80
Weight(g)
–
JEDEC Code
0.63
EIAJ Package Code
Lead Material
Alloy 42/Cu Alloy
42P2R-A
Plastic 42pin 450mil SSOP
Symbol
Min
Nom
Max
A
A2
b
c
D
E
L
L1
y
Dimension in Millimeters
HE
A1
I2
–
–
.35
0
.05
0
.13
0
.3
17
.2
8
–
.63
11
.3
0
–
–
–
.27
1
–
–
.0
2
.4
0
.15
0
.5
17
.4
8
.8
0
.93
11
.5
0
.765
1
–
.43
11
–
–
.4
2
–
.5
0
.2
0
.7
17
.6
8
–
.23
12
.7
0
–
.15
0
–
b2
–.5
0–
–
0
°
–10
°
e
e1
42
22
21
1
D
b
e
y
F
A
A2
A1
c
e
b2
Recommended Mount Pad
Detail F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com