Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 148 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 148 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 144Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 145Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 146Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 147Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 148Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 149Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 150Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 151Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 152Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 208 page
background image
148
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Mode 3 (Two 8-bit Timers)
Mode 3 configures Timer 0 so that registers TL0 and TH0 operate as 8-bit Timers (see
Figure 95). This mode is provided for applications requiring an additional 8-bit Timer or
Counter. TL0 uses the Timer 0 control bits C/T0# and GATE0 in the TMOD register, and
TR0 and TF0 in the TCON register in the normal manner. TH0 is locked into a Timer
function (counting FUART) and takes over use of the Timer 1 interrupt (TF1) and run con-
trol (TR1) bits. Thus, operation of Timer 1 is restricted when Timer 0 is in mode 3.
Figure 96 gives the autoreload period calculation formulas for both TF0 and TF1 flags.
Figure 95.
Timer/Counter 0 in Mode 3: Two 8-bit Counters
Figure 96.
Mode 3 Overflow Period Formula
Timer 1
Timer 1 is identical to Timer 0 except for Mode 3 which is a hold-count mode. The fol-
lowing comments help to understand the differences:
Timer 1 functions as either a Timer or an event Counter in three operating modes.
Figure 89 through Figure 93 show the logical configuration for modes 0, 1, and 2.
Mode 3 of Timer 1 is a hold-count mode.
Timer 1 is controlled by the four high-order bits of the TMOD register (see Table 89
on page 151) and bits 2, 3, 6 and 7 of the TCON register (see Table 88 on page
150). The TMOD register selects the method of Timer gating (GATE1), Timer or
Counter operation (C/T1#) and the operating mode (M11 and M01). The TCON
register provides Timer 1 control functions: overflow flag (TF1), run control bit (TR1),
interrupt flag (IE1) and the interrupt type control bit (IT1).
Timer 1 can serve as the Baud Rate Generator for the Serial Port. Mode 2 is best
suited for this purpose.
For normal Timer operation (GATE1 = 0), setting TR1 allows TL1 to be incremented
by the selected input. Setting GATE1 and TR1 allows external pin INT1# to control
Timer operation.
Timer 1 overflow (count rolls over from all 1s to all 0s) sets the TF1 flag and
generates an interrupt request.
TR0
TCON.4
TF0
TCON.5
INT0#
0
1
GATE0
TMOD.3
Overflow
Timer 0
Interrupt
Request
C/T0#
TMOD.2
TL0
(8 bits)
TR1
TCON.6
TH0
(8 bits)
TF1
TCON.7
Overflow
Timer 1
Interrupt
Request
T0
CK_T0
/6
CK_T0
/6
TF0PER =
FCK_T0
6
(256 – TL0)
TF1PER =
FCK_T0
6
(256 – TH0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com