Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5122DS-RDRUM Datasheet(PDF) 149 Page - ATMEL Corporation

Part # AT89C5122DS-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5122DS-RDRUM Datasheet(HTML) 149 Page - ATMEL Corporation

Back Button AT89C5122DS-RDRUM Datasheet HTML 145Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 146Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 147Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 148Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 149Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 150Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 151Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 152Page - ATMEL Corporation AT89C5122DS-RDRUM Datasheet HTML 153Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 208 page
background image
149
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
When Timer 0 is in mode 3, it uses Timer 1’s overflow flag (TF1) and run control bit
(TR1). For this situation, use Timer 1 only for applications that do not require an
interrupt (such as a Baud Rate Generator for the Serial Port) and switch Timer 1 in
and out of mode 3 to turn it off and on.
It is important to stop the Timer/Counter before changing modes.
Mode 0 (13-bit Timer)
Mode 0 configures Timer 1 as a 13-bit Timer, which is set up as an 8-bit Timer (TH1 reg-
ister) with a modulo-32 prescaler implemented with the lower 5 bits of the TL1 register
(see Figure 89). The upper 3 bits of TL1 register are ignored. Prescaler overflow incre-
ments the TH1 register.
Mode 1 (16-bit Timer)
Mode 1 configures Timer 1 as a 16-bit Timer with TH1 and TL1 registers connected in
cascade (see Figure 91). The selected input increments the TL1 register.
Mode 2 (8-bit Timer with Auto-
Reload)
Mode 2 configures Timer 1 as an 8-bit Timer (TL1 register) with automatic reload from
the TH1 register on overflow (see Figure 93). TL1 overflow sets the TF1 flag in the
TCON register and reloads TL1 with the contents of TH1, which is preset by the soft-
ware. The reload leaves TH1 unchanged.
Mode 3 (Halt)
Placing Timer 1 in mode 3 causes it to halt and hold its count. This can be used to halt
Timer 1 when the TR1 run control bit is not available i.e. when Timer 0 is in mode 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com