Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CDCE62002 Datasheet HTML 28Page - Texas Instruments CDCE62002 Datasheet HTML 29Page - Texas Instruments CDCE62002 Datasheet HTML 30Page - Texas Instruments CDCE62002 Datasheet HTML 31Page - Texas Instruments CDCE62002 Datasheet HTML 32Page - Texas Instruments CDCE62002 Datasheet HTML 33Page - Texas Instruments CDCE62002 Datasheet HTML 34Page - Texas Instruments CDCE62002 Datasheet HTML 35Page - Texas Instruments CDCE62002 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
SYNTHESIZER BLOCK
PFD/
CP
Prescaler
/2,/3,/4,/5
InputDivider
/1 - /256
SMART _MUX
SYNTH
70 kHz –
400 kHz
/1,/2,/5,/8,/10,/16,/20
/8 - /1280
FeedbackDivider
1.75 GHz –
2.356 GHz
Register 1
22
23
24
25
LoopFilterandChargePump
CurrentSettings
1
Register 1
2
3
4
5
6
7
8
InputDividerSettings
Register 1
8
9
Prescaler
11
Register 1
12
13
14
15
16
17
18
FeedbackDivider
Register 1
19
20
21
FeedbackBypassDivider
Register 1
0
VCOSelect
Input Divider
CDCE62002
SCAS882A – JUNE 2009 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
Figure 27 provides an overview of the CDCE62002 synthesizer block. The Synthesizer Block provides a Phase
Locked Loop, a partially integrated programmable loop filter, and two Voltage Controlled Oscillators (VCO). The
synthesizer block generates an output clock called “SYNTH” and drives it onto the Internal Clock Distribution
Bus.
Figure 27. CDCE62002 Synthesizer Block
The Input Divider divides the clock signal selected by the Smart Multiplexer and presents the divided signal to
the Phase Frequency Detector / Charge Pump of the frequency synthesizer.
Table 14. CDCE62002 Input Divider Settings
INPUT DIVIDER SETTINGS
DIVIDE
SELINDIV7
SELINDIV6
SELINDIV5
SELINDIV4
SELINDIV3
SELINDIV2
SELINDIV1
SELINDIV0
RATIO
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
1
2
0
0
0
0
0
0
1
0
3
0
0
0
0
0
0
1
1
4
0
1
0
0
0
1
0
0
5
0
1
0
0
0
1
0
1
6
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
1
1
1
1
1
1
1
1
256
32
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com