Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002 Datasheet(HTML) 35 Page - Texas Instruments

Back Button CDCE62002 Datasheet HTML 31Page - Texas Instruments CDCE62002 Datasheet HTML 32Page - Texas Instruments CDCE62002 Datasheet HTML 33Page - Texas Instruments CDCE62002 Datasheet HTML 34Page - Texas Instruments CDCE62002 Datasheet HTML 35Page - Texas Instruments CDCE62002 Datasheet HTML 36Page - Texas Instruments CDCE62002 Datasheet HTML 37Page - Texas Instruments CDCE62002 Datasheet HTML 38Page - Texas Instruments CDCE62002 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
VCO Select
Prescaler
CDCE62002
www.ti.com.............................................................................................................................................................. SCAS882A – JUNE 2009 – REVISED JULY 2009
Table 16. CDCE62002 Feedback Bypass Divider Settings
FEEDBACK BYPASS DIVIDER
SELBPDIV2
SELBPDIV1
SELBPDIV0
DIVIDE RATIO
1.21
1.20
1.19
0
0
0
2
0
0
1
5
0
1
0
8
0
1
1
10
1
0
0
16
1
0
1
20
1
1
0
RESERVED
1
1
1
1(bypass)
Table 17 illustrates how to control the dual voltage controlled oscillators.
Table 17. CDCE62002 VCO Select
VCO SELECT
VCO CHARACTERISTICS
BIT NAME
→
SELVCO
REGISTER NAME
→
1.0
VCO RANGE
Fmin (MHz)
Fmax (MHz)
0
Low
1750
2046
1
High
2040
2356
Table 18 shows how to configure the prescaler.
Table 18. CDCE62002 Prescaler Settings
SETTINGS
SELPRESCB
SELPRESCA
DIVIDE RATIO
1.10
1.9
0
0
5
1
0
4
0
1
3
1
1
2
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com