Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002 Datasheet(HTML) 38 Page - Texas Instruments

Back Button CDCE62002 Datasheet HTML 34Page - Texas Instruments CDCE62002 Datasheet HTML 35Page - Texas Instruments CDCE62002 Datasheet HTML 36Page - Texas Instruments CDCE62002 Datasheet HTML 37Page - Texas Instruments CDCE62002 Datasheet HTML 38Page - Texas Instruments CDCE62002 Datasheet HTML 39Page - Texas Instruments CDCE62002 Datasheet HTML 40Page - Texas Instruments CDCE62002 Datasheet HTML 41Page - Texas Instruments CDCE62002 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Device Power Calculation and Thermal Management
No Solder Mask
Internal
Power
Plane
Component Side
Back Side
Solder Mask
Thermal Vias
QFN-32
Thermal Slug
(package bottom)
Thermal
Dissipation
Pad (back side)
Internal
Ground
Plane
CDCE62002 Power Supply Bypassing – Recommended Layout
Component & Back Side
Component Side
Only
CDCE62002
SCAS882A – JUNE 2009 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
The CDCE62002 is a high performance device; therefore careful attention must be paid to device configuration
and printed circuit board layout with respect to power consumption. Table 21 provides the power consumption for
the individual blocks within the CDCE62002. To estimate total power consumption, calculate the sum of the
products of the number of blocks used and the power dissipated of each corresponding block.
Table 21. CDCE62002 Power Consumption
INTERNAL BLOCK
POWER DISSIPATED
NUMBER OF BLOCKS
(Power at 3.3V)
PER BLOCK
PER DEVICE
Input Circuit
32
1
PLL and VCO Core
333
1
Output Divider
92
2
Output Buffer ( LVPECL)
150
2
Output Buffer (LVDS)
95
2
Output Buffer (LVCMOS)
62
4
This power estimate determines the degree of thermal management required for a specific design. Observing
good thermal layout practices enables the thermal pad on the backside of the QFN-32 package to provide a
good thermal path between the die contained within the package and the ambient air. This thermal pad also
serves as the ground connection the device; therefore, a low inductance connection to the ground plane is
essential.
Figure 30. CDCE62002 Recommended PCB Layout
Figure 31 shows a conceptual layout focusing on power supply bypass capacitor placement. If the capacitors are
mounted on the back side, 0402 components can be employed; however, soldering to the Thermal Dissipation
Pad can be difficult. If the capacitors are mounted on the component side, 0201 components must be used to
facilitate signal routing. In either case, the connections between the capacitor and the power supply terminal on
the device must be kept as short as possible.
Figure 31. CDCE62002 Power Supply Bypassing
38
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com