Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCE62002 Datasheet HTML 6Page - Texas Instruments CDCE62002 Datasheet HTML 7Page - Texas Instruments CDCE62002 Datasheet HTML 8Page - Texas Instruments CDCE62002 Datasheet HTML 9Page - Texas Instruments CDCE62002 Datasheet HTML 10Page - Texas Instruments CDCE62002 Datasheet HTML 11Page - Texas Instruments CDCE62002 Datasheet HTML 12Page - Texas Instruments CDCE62002 Datasheet HTML 13Page - Texas Instruments CDCE62002 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
5 pF
LVCMOS
CDCE62002
SCAS882A – JUNE 2009 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
recommended operating conditions for the CDCE62002 Device for under the specified Industrial temperature range of –40°C
to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
LVCMOS
fclk
Output frequency, see Figure below
Load = 5 pF to GND
250
MHz
VOH
High-level output voltage for LVCMOS outputs
VCC = min to max IOH = –100 µA
VCC–0.5
V
VOL
Low-level output voltage for LVCMOS outputs
VCC = min to max IOL = 100 µA
0.3
V
IOH
High-level output current
VCC = 3.3 V
VO = 1.65 V
–30
mA
IOL
Low-level output current
VCC = 3.3 V
VO = 1.65 V
33
mA
tsko
Skew, output to output For Y0 to Y1
Both Outputs set at 122.88 MHz,
75
ps
Reference = 30.72 MHz
CO
Output capacitance on Y0 to Y1
VCC = 3.3 V; VO = 0 V or VCC
5
pF
IOZH
Tristate LVCMOS output current
VO = VCC
5
µA
IOZL
Tristate LVCMOS output current
VO = 0 V
-5
µA
IOPDH
Power Down output current
VO = VCC
25
µA
IOPDL
Power Down output current
VO = 0 V
5
µA
Duty cycle
LVCMOS
45%
55%
tslew-rate
Output rise/fall slew rate
3.6
5.2
V/ns
(1)
All typical values are at VCC = 3.3 V, temperature = 25°C.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com