Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCE62002 Datasheet HTML 8Page - Texas Instruments CDCE62002 Datasheet HTML 9Page - Texas Instruments CDCE62002 Datasheet HTML 10Page - Texas Instruments CDCE62002 Datasheet HTML 11Page - Texas Instruments CDCE62002 Datasheet HTML 12Page - Texas Instruments CDCE62002 Datasheet HTML 13Page - Texas Instruments CDCE62002 Datasheet HTML 14Page - Texas Instruments CDCE62002 Datasheet HTML 15Page - Texas Instruments CDCE62002 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
LVPECL DC Termination Test
50W
50W
Oscilloscope
LVPECL AC Termination Test
50W
50W
Oscilloscope
150W
150W
Vcc-2
CDCE62002
SCAS882A – JUNE 2009 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
recommended operating conditions for the CDCE62002 Device for under the specified Industrial temperature range of –40°C
to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
LVPECL OUTPUT
fclk
Output frequency,
Configuration Load (see Figure below)
0
1175
MHz
VOH
LVPECL high-level output voltage
Load
VCC –1.1
VCC –0.88
V
VOL
LVPECL low-level output voltage
Load
VCC –2.02
VCC –1.48
V
|VOD|
Differential output voltage
510
870
mV
tsko
Skew, output to output For Y0 to Y1
Both Outputs set at 122.88 MHz
15
ps
CO
Output capacitance on Y0 to Y1
VCC = 3.3 V; VO = 0 V or VCC
5
pF
IOPDH
Power Down output current
VO= VCC
25
µA
IOPDL
Power Down output current
VO= 0 V
5
µA
Duty Cycle
45%
55%
tr / tf
Rise and fall time
20% to 80% of Voutpp
55
75
735
ps
LVDS-TO- LVPECL
tskP_C
Output skew between LVDS and LVPECL outputs
Crosspoint to Crosspoint
130
200
280
ps
LVCMOS-TO- LVPECL
tskP_C
Output skew between LVCMOS and LVPECL outputs VCC/2 to Crosspoint
1.6
1.8
2.2
ns
LVPECL Hi-PERFORMANCE OUTPUT
VOH
LVPECL high-level output voltage
Load
VCC –1.11
VCC –0.91
V
VOL
LVPECL low-level output voltage
Load
VCC –2.06
VCC –1.84
V
|VOD|
Differential output voltage
670
950
mV
tr / tf
Rise and fall time
20% to 80% of Voutpp
55
75
135
ps
(1)
All typical values are at VCC = 3.3 V, temperature = 25°C.
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com