Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CDCE62002 Datasheet HTML 19Page - Texas Instruments CDCE62002 Datasheet HTML 20Page - Texas Instruments CDCE62002 Datasheet HTML 21Page - Texas Instruments CDCE62002 Datasheet HTML 22Page - Texas Instruments CDCE62002 Datasheet HTML 23Page - Texas Instruments CDCE62002 Datasheet HTML 24Page - Texas Instruments CDCE62002 Datasheet HTML 25Page - Texas Instruments CDCE62002 Datasheet HTML 26Page - Texas Instruments CDCE62002 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
CDCE62002
www.ti.com.............................................................................................................................................................. SCAS882A – JUNE 2009 – REVISED JULY 2009
Table 8. Reference Input AC/DC Input Termination Table
REFERENCE INPUT
RAM BITS
VBB VOLTAGE
REF+
REF–
TERMINATION
TERMINATION
INTERNAL
0 1
4
5
GENERATOR
5k
Ω to VBB
5k
Ω to VBB
TERMINATION
External Termination
X X
X
1
OFF
OPEN
OPEN
Disabled
0 0
X
X
OFF
OPEN
OPEN
LVCMOS
1 1
X
0
OFF
OPEN
OPEN
LVPECL-AC
0 1
0
0
1.9V
CLOSED
CLOSED
LVPECL-DC
0 1
1
0
1.0V
CLOSED
CLOSED
LVDS-AC
1 0
0
0
1.2V
CLOSED
CLOSED
LVDS-DC
1 0
1
0
1.2V
CLOSED
CLOSED
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com