Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002 Datasheet(HTML) 3 Page - Texas Instruments

  CDCE62002 Datasheet HTML 1Page - Texas Instruments CDCE62002 Datasheet HTML 2Page - Texas Instruments CDCE62002 Datasheet HTML 3Page - Texas Instruments CDCE62002 Datasheet HTML 4Page - Texas Instruments CDCE62002 Datasheet HTML 5Page - Texas Instruments CDCE62002 Datasheet HTML 6Page - Texas Instruments CDCE62002 Datasheet HTML 7Page - Texas Instruments CDCE62002 Datasheet HTML 8Page - Texas Instruments CDCE62002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
DEVICE INFORMATION
PIN FUNCTIONS
CDCE62002
www.ti.com.............................................................................................................................................................. SCAS882A – JUNE 2009 – REVISED JULY 2009
Table 1. CDCE62002 Pin Functions(1)
PIN
TYPE
DESCRIPTION
NAME
QFN
VCC_OUT0
9,12 13,16
Power
3.3V Supply for the Output Buffers.
VCC_OUT1
There is no internal connection between VCC and AVCC. It is recommended, that each VCC
uses its own supply filter.
VCC_PLLDIV
22
Power
3.3V Supply Power for the PLL circuitry.
VCC_PLLD
4
Power
3.3V Supply Power for the PLL circuitry.
VCC_PLLA
28
A. Power
3.3V Supply Power for the PLL circuitry.
VCC_VCO
24
A. Power
3.3V Supply Power for the VCO Circuitry.
VCC_IN
31
Power
3.3V Supply Power for Input Buffer Circuitry
VCC_AUX
1
A. Power
3.3V Supply Power for Crystal/Auxiliary Input Buffer Circuitry
GND_PLLDIV
21
Ground
Ground for PLL Divider circuitry. (short to GND)
GND
PAD
Ground
Ground is on Thermal PAD. See Layout recommendation
SPI_MISO
7
OD
3-state LVCMOS Output that is enabled when SPI_LE is asserted low. It is the serial Data
Output to the SPI bus interface.
SPI_LE
18
I
LVCMOS input, control Latch Enable for Serial Programmable Interface.
Note: The SPI_LE signal has to be high in order for the EEPROM to load correctly on the
Rising edge of PD. The input has an internal 150-k
Ω pull-up resistor
SPI_CLK
17
I
LVCMOS input, serial Control Clock Input for the SPI bus interface, with Hysteresis.
SPI_MOSI
8
I
LVCMOS input, Master Out Slave In as a serial Control Data Input to CDCE62002 for the
SPI bus interface.
PD
6
I
PD or Power Down Pin is an active low pin and can be activated externally or via the
corresponding Bit in SPI Register 2
In case of PD is asserted , the Device shuts Down and after PD goes high the EEPROM
Loads into RAM and the VCO core re-starts calibration, PLL will try to relock and the
Output dividers will get re-initiated. The LVPECL outputs are static low and high
respectively and the LVCMOS outputs are all low or high if inverted. The input has an
internal 150-k
Ω pull-up resistor if left unconnected it will default to logic level “1”.
Note: The SPI_LE signal has to be high in order for the EEPROM to load correctly into
RAM on the Rising edge of PD.
AUX_IN
2
I
Auxiliary Input is a Crystal input pin that connect to an internal oscillator circuitry. This
input can also be driven by an LVCMOS signal.
This input also serves as the External Feedback Input that feeds directly to the PFD.
REF+
29
I
Universal Input Buffer (LVPECL, LVDS, LVCMOS) positive input for the Reference Clock.
REF–
30
I
Universal Input Buffer (LVPECL, LVDS,) negative input for the Reference Clock. In case of
LVCMOS signaling pull-down this pin.
PLL_LOCK
32
O
PLL Lock indicator
TESTSYNC
19
I
Test Point for Use for TI Internal SYNC Testing.
REG_CAP1
5
Analog
Capacitor for the internal Regulator. Connect to a 10
µF Capacitor (Y5V)
REG_CAP2
27
Analog
Capacitor for the internal Regulator. Connect to a 10
µF Capacitor (Y5V)
REG_CAP3
20
Analog
Capacitor for the internal Regulator. Connect to a 10
µF Capacitor (Y5V)
REG_CAP4
23
Analog
Capacitor for the internal Regulator. Connect to a 10
µF Capacitor (Y5V)
VBB
3
Analog
Capacitor for the internal termination Voltage. Connect to a 1
µF Capacitor (Y5V)
EXT_LFP
25
Analog
External Loop Filter Input Positive
EXT_LFN
26
Analog
External Loop Filter Input Negative.
U0P:U0N
11,10 15,14
O
The Main outputs of CDCE62002 are user definable and can be any combination of up to
2 LVPECL outputs, 2 LVDS outputs or up to 4 LVCMOS outputs. The outputs are
U1P:U1N
selectable via SPI interface. The power-up setting is EEPROM configurable.
(1)
NOTE: All VCC pins need to be connected for the device to operate properly.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com