Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CDCE62002 Datasheet HTML 20Page - Texas Instruments CDCE62002 Datasheet HTML 21Page - Texas Instruments CDCE62002 Datasheet HTML 22Page - Texas Instruments CDCE62002 Datasheet HTML 23Page - Texas Instruments CDCE62002 Datasheet HTML 24Page - Texas Instruments CDCE62002 Datasheet HTML 25Page - Texas Instruments CDCE62002 Datasheet HTML 26Page - Texas Instruments CDCE62002 Datasheet HTML 27Page - Texas Instruments CDCE62002 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Device Registers: Register 1
CDCE62002
SCAS882A – JUNE 2009 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
Table 9. CDCE62002 Register 1 Bit Definitions
SPI
RAM
BIT NAME
RELATED
DESCRIPTION / FUNCTION
BIT
BIT
BLOCK
0
A0
Address 0
1
1
A1
Address 1
0
2
A2
Address 2
0
3
A3
Address 3
0
4
0
SELVCO
VCO Core
VCO Select
EEPROM
5
1
SELINDIV0
VCO Core
Input Divider Settings.
EEPROM
See specific section for more detailed description and configuration
6
2
SELINDIV1
VCO Core
EEPROM
setup.
7
3
SELINDIV2
VCO Core
EEPROM
8
4
SELINDIV3
VCO Core
EEPROM
9
5
SELINDIV4
VCO Core
EEPROM
10
6
SELINDIV5
VCO Core
EEPROM
11
7
SELINDIV6
VCO Core
EEPROM
12
8
SELINDIV7
VCO Core
EEPROM
13
9
SELPRESCA
VCO Core
PRESCALER Setting.
EEPROM
See specific section for more detailed description and configuration
14
10
SELPRESCB
VCO Core
EEPROM
setup.
15
11
SELFBDIV0
VCO Core
FEEDBACK DIVIDER Setting
EEPROM
See specific section for more detailed description and configuration
16
12
SELFBDIV1
VCO Core
EEPROM
setup.
17
13
SELFBDIV2
VCO Core
EEPROM
18
14
SELFBDIV3
VCO Core
EEPROM
19
15
SELFBDIV4
VCO Core
EEPROM
20
16
SELFBDIV5
VCO Core
EEPROM
21
17
SELFBDIV6
VCO Core
EEPROM
22
18
SELFBDIV7
VCO Core
EEPROM
23
19
SELBPDIV0
VCO Core
BYPASS DIVIDER Setting ( 6 settings + Disable + Enable)
EEPROM
See specific section for more detailed description and configuration
24
20
SELBPDIV1
VCO Core
EEPROM
setup.
25
21
SELBPDIV2
VCO Core
EEPROM
26
22
LFRCSEL0
VCO Core
Loop Filter & Charge Pump Control Setting
EEPROM
See specific section for more detailed description and configuration
27
23
LFRCSEL1
VCO Core
EEPROM
setup.
28
24
LFRCSEL2
VCO Core
EEPROM
29
25
LFRCSEL3
VCO Core
EEPROM
30
26
EELOCK
Status
If EELOCK reads "0" EEPROM is unlocked. If EELOCK reads "1," then
EEPROM
EEPROM is locked.
31
27
RESERVED
Status
Read Only always reads "1"
EEPROM
24
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com