Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCE62002 Datasheet HTML 3Page - Texas Instruments CDCE62002 Datasheet HTML 4Page - Texas Instruments CDCE62002 Datasheet HTML 5Page - Texas Instruments CDCE62002 Datasheet HTML 6Page - Texas Instruments CDCE62002 Datasheet HTML 7Page - Texas Instruments CDCE62002 Datasheet HTML 8Page - Texas Instruments CDCE62002 Datasheet HTML 9Page - Texas Instruments CDCE62002 Datasheet HTML 10Page - Texas Instruments CDCE62002 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
COMPUTING THE OUTPUT FREQUENCY
Output
Divider 0
U0P
U0N
Output
Divider 1
U1P
U1N
PFD/
CP
Prescaler
Feedback
Divider
Input
Divider
Reference
Divider
EXT_LFP
EXT_LFN
F
R
I
P
O
F
OUT
Fin
OUT
IN
F
F
F
R I O
=
×
× ×
(1)
OUT
1.750GHz
O P F
2.356GHz
<
×
×
<
(2)
IN
COMP
F
F
R I
=
×
(3)
CDCE62002
www.ti.com.............................................................................................................................................................. SCAS882A – JUNE 2009 – REVISED JULY 2009
Figure 7 presents the block diagram of the CDCE62002 synthesizer highlighting the clock path for a single
output. It also identifies the following regions containing dividers comprising the complete clock path:
• R: Is the Reference divider values.
• O: The output divider value (see Output Block for more details)
• I: The input divider value (see Synthesizer Block for more details)
• P: The Prescaler divider value (see Synthesizer Block of more details)
• F: The cumulative divider value of all dividers falling within the feedback divider (see Synthesizer Block for
more details)
Figure 7. CDCE62002 Clock Path – Synthesizer
With respect to Figure 7, any output frequency generated by the CDCE62002 relates to the input frequency
connected to the Synthesizer Block by the following equation:
Equation 1 holds true subject to the following constraints:
And the comparison frequency FCOMP,
40.0 kHz
≤ FCOMP ≤ 40 MHz
Where:
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com