Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002 Datasheet(HTML) 28 Page - Texas Instruments

Back Button CDCE62002 Datasheet HTML 24Page - Texas Instruments CDCE62002 Datasheet HTML 25Page - Texas Instruments CDCE62002 Datasheet HTML 26Page - Texas Instruments CDCE62002 Datasheet HTML 27Page - Texas Instruments CDCE62002 Datasheet HTML 28Page - Texas Instruments CDCE62002 Datasheet HTML 29Page - Texas Instruments CDCE62002 Datasheet HTML 30Page - Texas Instruments CDCE62002 Datasheet HTML 31Page - Texas Instruments CDCE62002 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
INPUT BLOCK
ReferenceDivider
/1 - /8
REF_IN
XTAL /
AUX _IN
LVPECL : 500 MHz
LVDS: 500 MHz
LVCMOS : 250 MHz
Crystal : 2 MHz – 42 MHz
SingleEnded : 2 MHz - 75 MHz
Smart
MUX
SmartMUX
Control
2
3
Register 0
8
7
6
Register 0
9
1
Register 0
UniversalInputBuffers
SmartMultiplexer
AuxiliaryInput
Pre-Divider
/1 or /2
0
CDCE62002
SCAS882A – JUNE 2009 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
The Input Block includes one Universal Input Buffers, an Auxiliary Input, and a Smart Multiplexer.
Figure 21. CDCE62002 Input Block With References to Registers
The CDCE62002 provides a Reference Divider that divides the clock exiting Reference (REF_IN) input buffer.
Table 12. CDCE62002 Reference Divider Settings
REFERENCE DIVIDER
TOTAL
DIVIDE
BIT NAME
→
REFDIVIDE3
REFDIVIDE2
REFDIVIDE1
REFDIVIDE0
RATIO
REGISTER BIT
→
0.9
0.8
0.7
0.6
0
0
0
0
/1
0
0
0
1
/2
0
0
1
0
/3
0
0
1
1
/4
0
1
0
0
/5
0
1
0
1
/6
0
1
1
0
/7
0
1
1
1
/8
1
0
0
0
/2
1
0
0
1
/4
1
0
1
0
/6
1
0
1
1
/8
1
1
0
0
/10
1
1
0
1
/12
1
1
1
0
/14
1
1
1
1
/16
28
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com