Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCE62002 Datasheet HTML 5Page - Texas Instruments CDCE62002 Datasheet HTML 6Page - Texas Instruments CDCE62002 Datasheet HTML 7Page - Texas Instruments CDCE62002 Datasheet HTML 8Page - Texas Instruments CDCE62002 Datasheet HTML 9Page - Texas Instruments CDCE62002 Datasheet HTML 10Page - Texas Instruments CDCE62002 Datasheet HTML 11Page - Texas Instruments CDCE62002 Datasheet HTML 12Page - Texas Instruments CDCE62002 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
CDCE62002
www.ti.com.............................................................................................................................................................. SCAS882A – JUNE 2009 – REVISED JULY 2009
ELECTRICAL CHARACTERISTICS (continued)
recommended operating conditions for the CDCE62002 Device for under the specified Industrial temperature range of –40°C
to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIH
High-level input voltage LVCMOS
0.7 VCC
VCC
V
VIK
LVCMOS input clamp voltage
VCC = 3 V, II = –18 mA
–1.2
V
IIH
LVCMOS input current
VI = VCC, VCC = 3.6 V
300
µA
IIL
LVCMOS input
VI = 0 V, VCC = 3.6 V
–10
10
µA
CI
Input capacitance (LVCMOS signals)
VI = 0 V or VCC 8
8
pF
CRYSTAL INPUT SPECIFICATIONS
Crystal Shunt Capacitance
10
pF
Equivalent Series Resistance (ESR)
50
Ω
LVCMOS INPUT MODE (SPI_CLK,SPI_MOSI,SPI_LE,PD, REF_IN)
VIL
Low-level input voltage LVCMOS
0
0.3 VCC
V
VIH
High-level input voltage LVCMOS
0.7 VCC
VCC
V
VIK
LVCMOS input clamp voltage
VCC = 3 V, II = –18 mA
–1.2
V
IIH
LVCMOS input current VI =
VCC, VCC = 3.6 V
20
µA
IIL
LVCMOS input (Except REF_IN)
VI = 0 V, VCC = 3.6 V
–10
–40
µA
IIL
LVCMOS input (REF_IN)
VI = 0 V, VCC = 3.6 V
–10
10
µA
CI
Input capacitance (LVCMOS signals)
VI = 0 V or VCC 3
3
pF
SPI OUTPUT (MISO) / PLL
IOH
High-level output current
VCC = 3.3 V,
VO = 1.65 V
–30
mA
IOL
Low-level output current
VCC = 3.3 V,
VO = 1.65 V
33
mA
High-level output voltage for LVCMOS
VOH
VCC = 3 V,
IOH = –100 µA
VCC–0.5
V
outputs
Low-level output voltage for LVCMOS
VOL
VCC = 3 V,
IOH = 100 µA
0.3
V
outputs
CO
Output capacitance o MISO
VCC = 3.3 V; VO = 0 V or VCC
3
pF
IOZH
5
µA
3-state output current
VO = VCC, VO = 0 V
IOZL
–5
µA
EEPROM
EEcyc
Programming cycle of EEPROM
100
1000
Cycles
EEret
Data retention
10
Years
VBB ( INPUT BUFFER INTERNAL TERMINATION VOLTAGE REFERENCE)
VBB
Input termination voltage
IBB = –0.2 mA, Depending on the setting
1.2
1.9
V
INPUT BUFFERS INTERNAL TERMINATION RESISTORS (REF_IN)
Termination resistance
Single ended
5
k
Ω
PHASE DETECTOR
fCPmax
Charge pump frequency
0.04
40
MHz
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com