Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCE62002 Datasheet HTML 4Page - Texas Instruments CDCE62002 Datasheet HTML 5Page - Texas Instruments CDCE62002 Datasheet HTML 6Page - Texas Instruments CDCE62002 Datasheet HTML 7Page - Texas Instruments CDCE62002 Datasheet HTML 8Page - Texas Instruments CDCE62002 Datasheet HTML 9Page - Texas Instruments CDCE62002 Datasheet HTML 10Page - Texas Instruments CDCE62002 Datasheet HTML 11Page - Texas Instruments CDCE62002 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
PACKAGE
ELECTRICAL CHARACTERISTICS
CDCE62002
SCAS882A – JUNE 2009 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE / UNIT
Supply voltage range VCC(2)
–0.5 V to 4.6 V
Input voltage range, VI
(3)
–0.5 V to VCC + 0.5 V
Output voltage range, VO
(3)
–0.5 V to VCC + 0.5 V
Input Current (VI < 0, VI > VCC)
±20 mA
Output current for LVPECL/LVCMOS Outputs (0 < VO < VCC)
±50 mA
Maximum junction temperature, TJ
125°C
Storage temperature range, Tstg
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All supply voltages have to be supplied simultaneously.
(3)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
Package Thermal Resistance for QFN (RGZ) Package
Airflow (lfm)
θ
JP (°C/W)
θJA (°C/W)
0
JEDEC Compliant Board (3X3 VIAs on PAD)
1.13
35
200
JEDEC Compliant Board (3X3 VIAs on PAD)
1.13
28.3
400
JEDEC Compliant Board (3X3 VIAs on PAD)
1.13
27.2
The CDCE62002 is packaged in a 32-Pin Lead Free “Green” Plastic Quad Flatpack Package with enhanced
bottom thermal pad for heat dissipation. The Texas Instruments Package Designator is; RHB (S-PQFP-N32).
Please refer to the Mechanical Data appendix at the end of this document for more information.
recommended operating conditions for the CDCE62002 Device for under the specified Industrial temperature range of –40°C
to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
POWER SUPPLY
Supply voltage, VCC_OUT, VCC_PLLDIV, VCC_PLLD, VCC_IN, and VCC_AUX
3
3.3
3.6
V
Analog Supply Voltage, VCC_PLLA, & VCC_VCO
3
3.3
3.6
V
REF at 30.72MHz
PLVPECL
850
mW
Outputs are LVPECL
Output 1 = 491.52 MHz
REF at 30.72MHz
Output 2 = 245.76 MHz
PLVDS
750
mW
Outputs are LVDS
In case of LVCMOS Outputs (1) =
245.76MHz
REF at 30.72MHz
PLVCMOS
800
mW
Outputs are LVCMOS
POFF
REF at 30.72MHz
Dividers and Outputs are disabled
450
mW
PPD
Device is Powered Down
40
mW
DIFFERENTIAL INPUT MODE (REF_IN)
Input amplitude, VINPP (VIN+ – VIN–)
0.1
1.3
V
Common-mode input voltage, VIC
1.0
VCC–03
V
VI = VCC,
IIH
Differential input current High (No internal Termination)
20
µA
VCC = 3.6 V
VI = 0 V,
IIL
Differential input current Low (No internal Termination)
–20
µA
VCC = 3.6 V
Input Capacitance on REF_IN
3
pF
LVCMOS INPUT MODE (AUX_IN)
VIL
Low-level input voltage LVCMOS
0
0.3 VCC
V
(1)
All typical values are at VCC = 3.3 V, temperature = 25°C.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com