Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCE62002 Datasheet HTML 2Page - Texas Instruments CDCE62002 Datasheet HTML 3Page - Texas Instruments CDCE62002 Datasheet HTML 4Page - Texas Instruments CDCE62002 Datasheet HTML 5Page - Texas Instruments CDCE62002 Datasheet HTML 6Page - Texas Instruments CDCE62002 Datasheet HTML 7Page - Texas Instruments CDCE62002 Datasheet HTML 8Page - Texas Instruments CDCE62002 Datasheet HTML 9Page - Texas Instruments CDCE62002 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Synthesizer Block
PFD/
CP
Prescaler
/2,/3,/4,/5
InputDivider
/1 - /256
SMART_MUX
SYNTH
70 kHz –
400 kHz
/1,/2,/5,/8,/10,/16,/20
/8 - /1280
1.75 GHz –
2.356 GHz
FeedbackDivider
FeedbackBypassDivider
AUX_IN
Output Block
/1,2,3,4,5
UxP
UxN
/1 - /8
/2
DigitalPhase Adjust (7-bits)
SYNTH
Sync
Pulse
Enable
LVDS
ClockDividerModule 0 & 1
LVPECL
OutputBufferControl
CDCE62002
SCAS882A – JUNE 2009 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
Figure 5 presents a high-level overview of the Synthesizer Block on the CDCE62002. This block contains the
Phase lock loop, internal loop filter and dual Voltage controlled oscillators. Only one VCO is selected at a time.
The loop is closed after a Prescaler divider that feeds the output stage the feedback divider.
Figure 5. CDCE62002 Synthesizer Block
Both identical output blocks incorporate a Clock Divider Module (CDM), and a universal output array buffer
driver. If an individual clock output channel is not used, then the user should disable the CDM and Output Buffer
for the unused channel to save device power. Each channel includes 4-bit in register “0” to control the divide
ratio. The output divider supports divide ratios from divide by 1 (bypass the divider) 2,3,4,5,8,10,12,16,20,24 and
32.
Figure 6. CDCE62002 Output Block
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com