Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002 Datasheet(HTML) 27 Page - Texas Instruments

Back Button CDCE62002 Datasheet HTML 23Page - Texas Instruments CDCE62002 Datasheet HTML 24Page - Texas Instruments CDCE62002 Datasheet HTML 25Page - Texas Instruments CDCE62002 Datasheet HTML 26Page - Texas Instruments CDCE62002 Datasheet HTML 27Page - Texas Instruments CDCE62002 Datasheet HTML 28Page - Texas Instruments CDCE62002 Datasheet HTML 29Page - Texas Instruments CDCE62002 Datasheet HTML 30Page - Texas Instruments CDCE62002 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
FACTORY DEFAULT PROGRAMMING
XTAL
25Mhz
U0P
U0N
U1P
U1N
LVPECL
156.25Mhz
LVDS
125Mhz
25Mhz
CDCE62002
Default Programing
Register 0
Register Content
Register 1
72A000E0
8389A061
EEPROM
25MHz
25MHz
156.25MHz
125MHz
CDCE62002
www.ti.com.............................................................................................................................................................. SCAS882A – JUNE 2009 – REVISED JULY 2009
The SPI_LE signal has to be high in order for the EEPROM to load correctly into RAM
on the Rising edge of PD Pin.
The CDCE62002 is factory pre-programmed to work with 25 MHz input from the reference input or from the
auxiliary input with auto switching enabled. An internal PFD of 6.25 MHz and about 400 KHz loop bandwidth.
Output 0 is pre-programmed as an LCPECL driver to output 156.25 MHz and output 1 is pre-programmed as
LVDS driver to output 125 MHz.
Figure 20. CDCE62002 Default Factory Programming
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com