Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCE62002 Datasheet HTML 10Page - Texas Instruments CDCE62002 Datasheet HTML 11Page - Texas Instruments CDCE62002 Datasheet HTML 12Page - Texas Instruments CDCE62002 Datasheet HTML 13Page - Texas Instruments CDCE62002 Datasheet HTML 14Page - Texas Instruments CDCE62002 Datasheet HTML 15Page - Texas Instruments CDCE62002 Datasheet HTML 16Page - Texas Instruments CDCE62002 Datasheet HTML 17Page - Texas Instruments CDCE62002 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
TIMING REQUIREMENTS
PHASE NOISE ANALYSIS
CDCE62002
SCAS882A – JUNE 2009 – REVISED JULY 2009.............................................................................................................................................................. www.ti.com
over recommended ranges of supply voltage, load and operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
REF_IN REQUIREMENTS
fREF – Diff IN-DIV
Maximum clock frequency applied to reference divider when (Register 0 Bit 9 = 1)
500
MHz
(Reg 0 RAM bit 9 = 1)
fREF – Diff REF_DIV
Maximum clock frequency applied to reference divider when (Register 0 Bit 9 = 0)
250
MHz
(Reg 0 RAM bit 9 = 0)
fREF– Single
For Single ended Inputs ( LVCMOS) on REF_IN
250
MHz
Duty Cycle Single
Duty cycle of REF_IN at VCC / 2
40%
60%
Duty Cycle Diff
Duty cycle of REF_IN at VCC / 2
40%
60%
AUXILARY_IN REQUIREMENTS
fREF – Single
For Single ended Inputs (LVCMOS) on AUX_IN
2
75
MHz
fREF – Crystal
For Single ended Inputs (AT-Cut Crystal Input)
2
42
MHz
PD REQUIREMENTS
tr / tf
Rise and fall time of the PD signal from 20% to 80% of VCC
4
ns
Table 2. Phase Noise for 30.72MHz External Reference
Phase Noise Specifications under following configuration: VCO = 1966.08 MHz, REF_IN = 30.72MHz,
PFD Frequency = 30.72MHz, Charge Pump Current = 1.5mA Loop BW = 400kHz at 3.3V and 25°C.
PHASE NOISE
Reference
LVPECL-HP
LVPECL
LVDS-HP
LVDS
LVCMOS-HP
LVCMOS
UNIT
AT
30.72MHz
491.52MHz
491.52MHz
491.52MHz
491.52MHz
122.88MHz
122.88MHz
10Hz
–108
–84
–84
–85
–85
–97
–97
dBc/Hz
100Hz
–130
–98
–98
–98
–97
–110
–111
dBc/Hz
1kHz
–134
–106
–106
–106
–106
–118
–118
dBc/Hz
10kHz
–152
–118
–118
–118
–118
–130
–130
dBc/Hz
100kHz
–156
–121
–121
–121
–121
–133
–133
dBc/Hz
1MHz
–157
–131
–131
–130
–130
–143
–142
dBc/Hz
10MHz
—
–146
–146
–146
–145
–152
–151
dBc/Hz
20MHz
—
–146
–146
–146
–145
–152
–151
dBc/Hz
Jitter(RMS)
195
319
316
332.4
332.2
366.5
372.1
fs
10k~20MHz
(10k~20Mhz)
Table 3. Phase Noise for 25MHz Crystal Reference
Phase Noise Specifications under following configuration: VCO = 2000.00 MHz, AUX_IN -REF = 25.00MHz,
PFD Frequency = 25.00MHz, Charge Pump Current = 1.5mA Loop BW = 400kHz 3.3V and 25°C.
Phase Noise at
Reference
LVPECL-HP
LVDS-HP
LVCMOS-HP
UNIT
25.00MHz
500.00MHz
250.00MHz
125.00MHz
10Hz
—
–72
–72
–79
dBc/Hz
100Hz
—
–97
–97
–103
dBc/Hz
1kHz
—
–111
–111
–118
dBc/Hz
10kHz
—
–120
–120
–126
dBc/Hz
100kHz
—
–124
–124
–130
dBc/Hz
1MHz
—
–136
–136
–142
dBc/Hz
10MHz
—
–147
–147
–151
dBc/Hz
20MHz
—
–148
–148
–151
dBc/Hz
Jitter(RMS)
—
426
426
443
fs
10k~20MHz
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com