Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE62002 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62002
Description  Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62002 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCE62002 Datasheet HTML 9Page - Texas Instruments CDCE62002 Datasheet HTML 10Page - Texas Instruments CDCE62002 Datasheet HTML 11Page - Texas Instruments CDCE62002 Datasheet HTML 12Page - Texas Instruments CDCE62002 Datasheet HTML 13Page - Texas Instruments CDCE62002 Datasheet HTML 14Page - Texas Instruments CDCE62002 Datasheet HTML 15Page - Texas Instruments CDCE62002 Datasheet HTML 16Page - Texas Instruments CDCE62002 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
f − Frequency − MHz
650
700
750
800
850
900
950
1000
1050
1100
1150
1200
0
200
400
600
800
1000
1200
G002
TA = 25°C
RL = 50 Ω to VCC − 2 V
VCC = 3.6 V
VCC = 3.3 V
VCC = 3 V
f − Frequency − MHz
450
500
550
600
650
700
750
800
850
900
950
1000
0
200
400
600
800
1000
1200
G001
TA = 25°C
RL = 50 Ω to VCC − 2 V
VCC = 3.6 V
VCC = 3.3 V
VCC = 3 V
f − Frequency − MHz
225
250
275
300
325
350
375
400
425
450
475
500
0
100
200
300
400
500
600
700
800
900
G003
TA = 25°C
RL = 100 Ω
VCC = 3.6 V
VCC = 3.3 V
VCC = 3 V
f − Frequency − MHz
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
50
100
150
200
250
300
G004
TA = 25°C
CL = 5 pF
VCC = 3.6 V
VCC = 3.3 V
VCC = 3 V
CDCE62002
www.ti.com.............................................................................................................................................................. SCAS882A – JUNE 2009 – REVISED JULY 2009
HIGH-PERFORMANCE LVPECL
LVPECL OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
vs
vs
FREQUENCY
FREQUENCY
Figure 8.
Figure 9.
LVDS OUTPUT VOLTAGE SWING
LVCMOS OUTPUT VOLTAGE SWING
vs
vs
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CDCE62002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com