Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200 Datasheet(PDF) 41 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 37Page - Texas Instruments TUSB3200 Datasheet HTML 38Page - Texas Instruments TUSB3200 Datasheet HTML 39Page - Texas Instruments TUSB3200 Datasheet HTML 40Page - Texas Instruments TUSB3200 Datasheet HTML 41Page - Texas Instruments TUSB3200 Datasheet HTML 42Page - Texas Instruments TUSB3200 Datasheet HTML 43Page - Texas Instruments TUSB3200 Datasheet HTML 44Page - Texas Instruments TUSB3200 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 93 page
background image
3–1
3 Electrical Specifications
3.1
Absolute Maximum Ratings Over Operating Temperature Ranges (unless
otherwise noted)†
Supply voltage range, DVDD
–0.5 to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DVDDS
–0.5 to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AVDD
–0.5 to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: 3.3-V TTL/LVCMOS
–0.5 V to DVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5-V Compatible
–0.5 V to DVDDS + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5-V–3.3-V TTL level shifting
–0.5 V to DVDDS + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO: 3.3-V TTL/LVCMOS
–0.5 V to DVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5-V Compatible
–0.5 V to DVDDS + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3-V–5-V TTL level shifting
–0.5 V to DVDDS + 0.5 V
. . . . . . . . . . . . . . . . . . . . . .
3.3-V–5-V CMOS level shifting
–0.5 V to DVDDS + 0.5 V
. . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > DVDD)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > DVDD)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3.2
Recommended Operating Conditions
MIN
NOM
MAX
UNITS
Digital supply voltage, DVDD
3
3.3
3.6
V
Secondary digital supply voltage,
DVDDS
4.5
5
5.5
V
Analog supply voltage, AVDD
3
3.3
3.6
V
3.3-V TTL/LVCMOS (EXTEN, MRESET, TEST)
2
DVDD
High-level input voltage, VIH
5-V compatible TTL/LVCMOS (CSCLK, CSYNC, CDATO,
CDATI, CRESET, CSCHNE, P1, P3, PLLOEN, XINT)
2
DVDDS
V
5-V – 3.3-V TTL level shifting (MCLKI, MCLKI2, SDA)
2
DVDDS
3.3-V TTL/LVCMOS (EXTEN, MRESET, TEST)
0
0.8
Low-level input voltage, VIL
5-V compatible TTL/LVCMOS (CSCLK, CSYNC, CDATO,
CDATI, CRESET, CSCHNE, P1, P3, PLLOEN, XINT)
0
0.8
V
5-V – 3.3-V TTL level shifting (MCLKI, MCLKI2, SDA)
0
0.8
3.3-V TTL/LVCMOS (EXTEN, MRESET, TEST)
0
DVDD
Input voltage, VI
5-V compatible TTL/LVCMOS (CSCLK, CSYNC, CDATO,
CDATI, CRESET, CSCHNE, P1, P3, PLLOEN, XINT)
0
DVDDS
V
5-V – 3.3-V TTL level shifting (MCLKI, MCLKI2, SDA)
0
DVDDS
3.3-V TTL/LVCMOS (MCLKO, MCLKO2, PLLO, PUR, RSTO)
0
DVDD
Output voltage, VO
5-V compatible TTL/LVCMOS (CSCLK, CSYNC, CDATO,
CDATI, CRESET, CSCHNE, P1, P3)
0
DVDD
V
g,
O
3.3-V – 5-V TTL level shifting, open drain (SCL, SDA)
0
DVDDS
3.3-V – 5-V CMOS level shifting (PWMO)
0
DVDDS
Input transition time, tt (tr and tf, 10% to 90%)
0
6
ns
Operating ambient air temperature range, TA
0
25
70
°C
Operating junction temperature range, TJ
0
25
115
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com