Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200 Datasheet(PDF) 26 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 22Page - Texas Instruments TUSB3200 Datasheet HTML 23Page - Texas Instruments TUSB3200 Datasheet HTML 24Page - Texas Instruments TUSB3200 Datasheet HTML 25Page - Texas Instruments TUSB3200 Datasheet HTML 26Page - Texas Instruments TUSB3200 Datasheet HTML 27Page - Texas Instruments TUSB3200 Datasheet HTML 28Page - Texas Instruments TUSB3200 Datasheet HTML 29Page - Texas Instruments TUSB3200 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 93 page
background image
2–10
Data Stage Transaction(s):
1.
The data packet to be sent to the host PC is written to the in endpoint 0 buffer by the MCU. The MCU also
updates the data count value then clears the in endpoint 0 NACK bit to a 0 to enable the data packet to be
sent to the host PC.
2.
The host PC sends an in token packet addressed to the in endpoint 0. After receiving the in token, the UBM
transmits the data packet to the host PC. IF the data packet is received without errors by the host PC, then
an ACK handshake is returned. The UBM will then toggle the TOGGLE bit, set the NACK bit to a 1 and assert
the endpoint interrupt.
3.
The MCU services the interrupt and prepares to send the next data packet to the host PC.
4.
If the NACK bit is set to a 1 when the in token packet is received, the UBM simply returns a NAK handshake
to the host PC. IF the STALL bit is set to a 1 when the in token packet is received, the UBM simply returns
a STALL handshake to the host PC. If a no handshake packet is received from the host PC, then the UBM
prepares to retransmit the same data packet again.
5.
MCU continues to send data packets until all data has been sent to the host PC.
Status Stage Transaction:
1.
For out endpoint 0, the MCU sets the TOGGLE bit to 1, then clears the NACK bit to a 0 to enable the data
packet to be sent to the host PC. Note that for a status stage transaction a null data packet with a DATA1
PID is sent to the host PC.
2.
The host PC sends an out token packet addressed to out endpoint 0. If the data packet is received without
an error then the UBM will update the data count value, toggle the TOGGLE bit, set the NACK bit to a 1,
return an ACK handshake to the host PC and assert the endpoint interrupt.
3.
The MCU services the interrupt. If the status stage transaction completed successfully, then the MCU
should clear the interrupt and clear the NACK bit.
4.
If the NACK bit is set to a 1 when the in data packet is received, the UBM simply returns a NAK handshake
to the host PC. If the STALL bit is set to a 1 when the in data packet is received, the UBM simply returns
a STALL handshake to the host PC. If a CRC or bit stuff error occurs when the data packet is received, then
no handshake is returned to the host PC.
2.2.7.2 Interrupt Transfers
The TUSB3200 supports interrupt data transfers both to and from the host PC. Devices that need to send or receive
a small amount of data with a specified service period should use the interrupt transfer type. In endpoints 1 through
7 and out endpoints 1 through 7 can all be configured as interrupt endpoints.
2.2.7.2.1 Interrupt Out Transaction
The steps to be followed for an interrupt out transaction are as follows:
1.
MCU initializes one of the out endpoints as an out interrupt endpoint by programming the appropriate USB
endpoint configuration block. This entails programming the buffer size and buffer base address, selecting
the buffer mode, enabling the endpoint interrupt, initializing the toggle bit, enabling the endpoint, and
clearing the NACK bit.
2.
The host PC sends an out token packet followed by a data packet addressed to the out endpoint. If the data
is received without an error then the UBM will write the data to the endpoint buffer, update the data count
value, toggle the toggle bit, set the NACK bit to a 1, return an ACK handshake to the host PC and assert
the endpoint interrupt.
3.
The MCU services the interrupt and reads the data packet from the buffer. To read the data packet, the MCU
first needs to obtain the data count value. After reading the data packet, the MCU should clear the interrupt
and clear the NACK bit to allow the reception of the next data packet from the host PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com