Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200 Datasheet(PDF) 58 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 54Page - Texas Instruments TUSB3200 Datasheet HTML 55Page - Texas Instruments TUSB3200 Datasheet HTML 56Page - Texas Instruments TUSB3200 Datasheet HTML 57Page - Texas Instruments TUSB3200 Datasheet HTML 58Page - Texas Instruments TUSB3200 Datasheet HTML 59Page - Texas Instruments TUSB3200 Datasheet HTML 60Page - Texas Instruments TUSB3200 Datasheet HTML 61Page - Texas Instruments TUSB3200 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 93 page
background image
A–10
A.4.3.6 USB Out Endpoint – Configuration Byte (OEPCNFx)
The USB out endpoint configuration byte contains the various bits used to configure and control the endpoint. Note
that the bits in this byte take on different functionality based on the type of endpoint defined. Basically, the control,
iInterrupt, and bulk endpoints function differently than the isochronous endpoints.
A.4.3.6.1 USB Out Endpoint – Control, Interrupt or Bulk configuration byte
This section defines the functionality of the bits in the USB out endpoint configuration byte for control, interrupt, and
bulk endpoints.
Bit
7
6
5
4
3
2
1
0
Mnemonic
OEPEN
ISO
TOGGLE
DBUF
STALL
OEPIE
—
—
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7
OEPEN
Endpoint enable
The endpoint enable bit is set to a 1 by the MCU to enable the out endpoint.
6
ISO
Isochronous endpoint
The isochronous endpoint bit is set to a 1 by the MCU to specify the use of a
particular out endpoint for isochronous transactions. This bit should be cleared to a 0
by the MCU to use a particular out endpoint for control, interrupt or bulk transactions.
5
TOGGLE
Toggle
The toggle bit is controlled by the UBM and is toggled at the end of a successful out
data stage transaction if a valid data packet is received and the data packet PID
matches the expected PID.
4
DBUF
Double buffer mode
The double buffer mode bit is set to a 1 by the MCU to enable the use of both the X
and Y data packet buffers for USB transactions to a particular out endpoint. This bit
should be cleared to a 0 by the MCU to use the single buffer mode. In the single
buffer mode, only the X buffer is used.
3
STALL
Stall
The stall bit is set to a 1 by the MCU to stall endpoint transactions. When this bit is
set, the hardware will automatically return a stall handshake to the host PC for any
transaction received for the endpoint. An exception is the control endpoint setup
stage transaction, which must always be received. This requirement allows a
Clear_Feature_Stall request to be received from the host PC. Control endpoint data
and status stage transactions however can be stalled. The stall bit is cleared to a 0
by the MCU if a Clear_Feature_Stall request or a USB reset is received from the host
PC. For a control write transaction, if the amount of data received is greater than
expected, the UBM will set the stall bit to a 1 to stall the endpoint. When the stall bit is
set to a 1 by the UBM, the USB out endpoint 0 interrupt will be generated.
2
OEPIE
Interrupt enable
The interrupt enable bit is set to a 1 by the MCU to enable the out endpoint interrupt.
See section A.5.7.1 for details on the out endpoint interrupts.
1:0
—
Reserved
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com