Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200 Datasheet(PDF) 19 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 15Page - Texas Instruments TUSB3200 Datasheet HTML 16Page - Texas Instruments TUSB3200 Datasheet HTML 17Page - Texas Instruments TUSB3200 Datasheet HTML 18Page - Texas Instruments TUSB3200 Datasheet HTML 19Page - Texas Instruments TUSB3200 Datasheet HTML 20Page - Texas Instruments TUSB3200 Datasheet HTML 21Page - Texas Instruments TUSB3200 Datasheet HTML 22Page - Texas Instruments TUSB3200 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 93 page
background image
2–3
2.1.13 CODEC Port Interface
The TUSB3200 provides a configurable full duplex bidirectional serial interface that can be used to connect to a
CODEC or another device for streaming USB Isochronous data. The interface can be configured to support several
different industry standard protocols, including AC ’97 1.X, AC ’97 2.X and I2S.
2.1.14 I2C Interface
The I2C interface logic provides a two-wire serial interface that can be used by the 8052 MCU to access other ICs.
The TUSB3200 is an I2C master device only and supports single byte or multiple byte read and write operations. The
interface can be programmed to operate at either 100 kbps or 400 kbps. In addition, the protocol supports 8-bit or
16-bit addressing for accessing the I2C slave device memory locations.
2.1.15 Pulse Width Modulation (PWM) Output
The TUSB3200 provides a pulse width modulation output with programmable frequency and pulse width. The
frequency can be programmed from 732 Hz to 93.7 kHz with an 8-bit register. The pulse width of the output signal
is set with a 16-bit register.
2.1.16 General-Purpose IO Ports (GPIO)
The TUSB3200 provides two general-purpose IO ports that are controlled by the internal 8052 MCU. The two ports,
port 1 and port 3, are 8-bits and 5-bits, respectively. Note that port 3 bit locations 2, 6, and 7 have been used in the
TUSB3200 for other functionality. Therefore these three bit locations are not available for GPIO use. Port 3 bit location
2 has been used as the external interrupt (XINT) input to the TUSB3200. Port 3 bit locations 6 and 7 have been used
as the external MCU write strobe and read strobe inputs for the external MCU mode of operation.
Each bit of both ports can be independently used as either an input or output. Hence each port bit consists of an output
buffer, an input buffer and a pullup resistor. The pullup resistors on the GPIO pins can be disabled using the PUDIS
bit in the global control register.
2.1.17 Interrupt Logic
The interrupt logic monitors the various conditions that can cause an interrupt and asserts the interrupt 0 (INT0) input
to the 8052 MCU accordingly. All of the TUSB3200 internal interrupt sources and the external interrupt (XINT) input
are ORed together to generate the INT0 signal. An interrupt vector register is provided that is used by the MCU to
identify the interrupt source.
2.1.18 Reset Logic
An external master reset (MRESET) input signal that is asynchronous to the internal clocks is used to reset the
TUSB3200 logic. In addition to the master reset, the TUSB3200 logic can be reset with the USB reset from the host
PC. The TUSB3200 also provides a reset output (RSTO) signal that can be used by external devices. This signal is
asserted when either a master reset or USB reset occurs.
2.2
Device Operation
The operation of the TUSB3200 is explained in the following sections. For additional information on USB, refer to the
universal serial bus Specification version 1.1.
2.2.1
Clock Generation
The TUSB3200 requires an external 6-MHz crystal and PLL loop filter components connected as shown in Figure 4-1
to derive all the clocks needed for both USB and CODEC operation. Using the low frequency 6-MHz crystal and
generating the required higher frequency clocks internal to the IC is a major advantage regarding EMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com