Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200 Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 4Page - Texas Instruments TUSB3200 Datasheet HTML 5Page - Texas Instruments TUSB3200 Datasheet HTML 6Page - Texas Instruments TUSB3200 Datasheet HTML 7Page - Texas Instruments TUSB3200 Datasheet HTML 8Page - Texas Instruments TUSB3200 Datasheet HTML 9Page - Texas Instruments TUSB3200 Datasheet HTML 10Page - Texas Instruments TUSB3200 Datasheet HTML 11Page - Texas Instruments TUSB3200 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
1–2
•
Micro-Controller Unit (MCU)
•
Standard 8052 8-bit core
•
4K Bytes of program memory ROM that contains a boot loader program that loads the application
firmware from external EEPROM
•
8K Bytes of program memory RAM which is loaded by the boot loader program
•
256 Bytes of internal data memory RAM
•
Two GPIO ports
•
MCU handles all USB control, interrupt and bulk endpoint transfers
•
DMA Controller
•
Four DMA channels to support streaming USB audio data to/from the CODEC Port Interface
•
Each channel can support a single USB isochronous endpoint
•
For I2S modes, either a single or multiple USB isochronous endpoints can be used to support multiple
DACs/ADCs
•
CODEC Port Interface
•
Configurable to support AC’97 1.X, AC’97 2.X or I2S serial interface formats
•
I2S modes can support a combination of up to 4 DACs and/or 3 ADCs
•
Can be configured as a general-purpose serial interface
•
I2C Interface
•
Master only interface
•
Does not support a multimaster bus environment
•
Programmable to 100 kbit/s or 400 kbit/s data transfer speeds
•
Pulse Width Modulation (PWM) Output
•
Programmable frequency range from 732.4 Hz to 93.75 kHz
•
Programmable duty cycle
•
General Characteristics
•
Available in a 52-Pin TQFP Package
•
On-chip phase-locked loop (PLL) with internal oscillator is used to generate internal clocks from a 6 MHz
crystal input
•
3.3-V core and 5-V compatible input/output buffers used for CODEC port interface
•
Reset output available which is asserted for both system and USB reset
•
External MCU mode supports application firmware development



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com