Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200 Datasheet(PDF) 27 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 23Page - Texas Instruments TUSB3200 Datasheet HTML 24Page - Texas Instruments TUSB3200 Datasheet HTML 25Page - Texas Instruments TUSB3200 Datasheet HTML 26Page - Texas Instruments TUSB3200 Datasheet HTML 27Page - Texas Instruments TUSB3200 Datasheet HTML 28Page - Texas Instruments TUSB3200 Datasheet HTML 29Page - Texas Instruments TUSB3200 Datasheet HTML 30Page - Texas Instruments TUSB3200 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
2–11
4.
If the NACK bit is set to a 1 when the data packet is received, the UBM simply returns a NAK handshake
to the host PC. If the STALL bit is set to a 1 when the data packet is received, the UBM simply returns a
STALL handshake to the host PC. If a CRC or bit stuff error occurs when the data packet is received, then
no handshake is returned to the host PC.
NOTE: In double buffer mode for interrupt out transactions, the UBM selects between the X
and Y buffer based on the value of the toggle bit. If the toggle bit is a 0, the UBM will write the
data packet to the X buffer. If the toggle bit is a 1, the UBM will write the data packet to the Y
buffer. When a data packet is received, the MCU could determine which buffer contains the
data packet by reading the toggle bit. However, when using double buffer mode, the possibility
exists for data packets to be received and written to both the X and Y buffer before the MCU
responds to the endpoint interrupt. In this case, by simply using the toggle bit to determine
which buffer contains the data packet would not work. Hence, in double buffer mode, the MCU
should read the X buffer NACK bit, the Y buffer NACK bit and the toggle bit to determine the
status of the buffers.
2.2.7.2.2 Interrupt In Transaction
The steps to be followed for an interrupt in transaction are as follows:
1.
MCU initializes one of the in endpoints as an in interrupt endpoint by programming the appropriate USB
endpoint configuration block. This entails programming the buffer size and buffer base address, selecting
the buffer mode, enabling the endpoint interrupt, initializing the toggle bit, enabling the endpoint, and setting
the NACK bit.
2.
The data packet to be sent to the host PC is written to the buffer by the MCU. The MCU also updates the
data count value then clears the NACK bit to a 0 to enable the data packet to be sent to the host PC.
3.
The host PC sends an in token packet addressed to the in endpoint. After receiving the in token, the UBM
transmits the data packet to the host PC. If the data packet is received without errors by the host PC, then
an ACK handshake is returned. The UBM will then toggle the toggle bit, set the NACK bit to a 1 and assert
the endpoint interrupt.
4.
The MCU services the interrupt and prepares to send the next data packet to the host PC.
5.
If the NACK bit is set to a 1 when the in token packet is received, the UBM simply returns a NAK handshake
to the host PC. If the STALL bit is set to a 1 when the In token packet is received, the UBM simply returns
a STALL handshake to the host PC. If no handshake packet is received from the host PC, then the UBM
prepares to retransmit the same data packet again.
NOTE: In double buffer mode for interrupt in transactions, the UBM selects between the X and
Y buffer based on the value of the toggle bit. If the toggle bit is a 0, the UBM will read the data
packet from the X buffer. If the toggle bit is a 1, the UBM will read the data packet from the Y
buffer.
2.2.7.3 Bulk Transfers
The TUSB3200 supports bulk data transfers both to and from the host PC. Devices that need to send or receive a
large amount of data without a suitable bandwidth should use the bulk transfer type. In endpoints 1 through 7 and
out endpoints 1 through 7 can all be configured as bulk endpoints.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com