Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200 Datasheet(PDF) 75 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 75 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 71Page - Texas Instruments TUSB3200 Datasheet HTML 72Page - Texas Instruments TUSB3200 Datasheet HTML 73Page - Texas Instruments TUSB3200 Datasheet HTML 74Page - Texas Instruments TUSB3200 Datasheet HTML 75Page - Texas Instruments TUSB3200 Datasheet HTML 76Page - Texas Instruments TUSB3200 Datasheet HTML 77Page - Texas Instruments TUSB3200 Datasheet HTML 78Page - Texas Instruments TUSB3200 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 93 page
background image
A–27
A.5.3.2 Adaptive Clock Generator Frequency Register (Byte 1) (ACGFRQ1 – Address FFE6h)
The adaptive clock generator frequency register (byte 1) contains the middle byte of the 24-bit ACG frequency value.
Bit
7
6
5
4
3
2
1
0
Mnemonic
FRQ15
FRQ14
FRQ13
FRQ12
FRQ11
FRQ10
FRQ9
FRQ8
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
FRQ(15:8)
ACG frequency
The ACG frequency bit values are set by the MCU to program the ACG frequency
synthesizer to obtain the desired CODEC master clock output (MCLKO) signal
frequency.
A.5.3.3 Adaptive Clock Generator Frequency Register (Byte 2) (ACGFRQ2 – Address FFE5h)
The adaptive clock generator frequency register (byte 2) contains the most significant byte of the 24-bit ACG
frequency value.
Bit
7
6
5
4
3
2
1
0
Mnemonic
FRQ23
FRQ22
FRQ21
FRQ20
FRQ19
FRQ18
FRQ17
FRQ16
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
FRQ(23:16)
ACG frequency
The ACG frequency bit values are set by the MCU to program the ACG frequency
synthesizer to obtain the desired CODEC master clock output (MCLKO) signal
frequency.
A.5.3.4 Adaptive Clock Generator MCLK Capture Register (Low Byte) (ACGCAPL – Address FFE4h)
The adaptive clock generator MCLK capture register (low byte) contains the least significant byte of the 16-bit CODEC
master clock (MCLK) signal cycle count that is captured each time a USB start of frame (SOF) occurs. Basically the
value of a16-bit free running counter, which is clocked with the MCLK signal, is captured at the beginning of each USB
frame. The source of the MCLK signal used to clock the 16-bit timer can be selected to be either the MCLKO signal
or the MCLKO2 signal. See section 2.2.10 for the operation details of the adaptive clock generator.
Bit
7
6
5
4
3
2
1
0
Mnemonic
CAP7
CAP6
CAP5
CAP4
CAP3
CAP2
CAP1
CAP0
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
CAP(7:0)
ACG MCLK capture
The ACG MCLK capture bit values are updated by hardware each time a USB start
of frame occurs. This register contains the least signification byte of the 16-bit value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com