Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200 Datasheet(PDF) 56 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 52Page - Texas Instruments TUSB3200 Datasheet HTML 53Page - Texas Instruments TUSB3200 Datasheet HTML 54Page - Texas Instruments TUSB3200 Datasheet HTML 55Page - Texas Instruments TUSB3200 Datasheet HTML 56Page - Texas Instruments TUSB3200 Datasheet HTML 57Page - Texas Instruments TUSB3200 Datasheet HTML 58Page - Texas Instruments TUSB3200 Datasheet HTML 59Page - Texas Instruments TUSB3200 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 93 page
background image
A–8
A.4.3
USB Out Endpoint Configuration Bytes
This section describes the individual bytes in the USB endpoint configuration blocks for the out endpoints. A set of
8 bytes is used for the control and operation of each USB out endpoint. In addition to the USB control endpoint, the
TUSB3200 supports up to a total of seven out endpoints.
A.4.3.1 USB Out Endpoint – Y Buffer Data Count Byte (OEPDCNTYx)
The USB out endpoint Y buffer data count byte contains the 7-bit value used to specify the amount of data received
in a data packet from the host PC. The no acknowledge status bit is also contained in this byte.
Bit
7
6
5
4
3
2
1
0
Mnemonic
NACK
DCNTY6
DCNTY5
DCNTY4
DCNTY3
DCNTY2
DCNTY1
DCNTY0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7
NACK
No acknowledge
The no acknowledge status bit is set to a 1 by the UBM at the end of a successful USB out
transaction to this endpoint to indicate that the USB endpoint Y buffer contains a valid data
packet and that the Y buffer data count value is valid. For control, interrupt, or bulk end-
points, when this bit is set to a 1, all subsequent transactions to the endpoint will result in a
NACK handshake response to the host PC. Also for control, interrupt, and bulk endpoints,
to enable this endpoint to receive another data packet from the host PC, this bit must be
cleared to a 0 by the MCU. For isochronous endpoints, a NACK handshake response to the
host PC is not allowed. Therefore, the UBM ignores this bit in reference to receiving the next
data packet. However, the MCU or DMA should clear this bit before reading the data packet
from the buffer.
6:0
DCNTY(6:0)
Y Buffer data count
The Y buffer data count value is set by the UBM when a new data packet is written to the Y
buffer for the out endpoint. The 7-bit value is set to the number of bytes in the data packet for
control, interrupt or bulk endpoint transfers and is set to the number of samples in the data
packet for isochronous endpoint transfers. To determine the number of samples in the data
packet for isochronous transfers, the bytes per sample value in the configuration byte is
used. The data count value is read by the MCU or DMA to obtain the data packet size.
A.4.3.2 USB Out Endpoint – Y Buffer Base Address Byte (OEPBBAYx)
The USB out endpoint Y buffer base address byte contains the 8-bit value used to specify the base memory location
for the Y data buffer for a particular USB out endpoint.
Bit
7
6
5
4
3
2
1
0
Mnemonic
BBAY10
BBAY9
BBAY8
BBAY7
BBAY6
BBAY5
BBAY4
BBAY3
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
BBAY(10:3)
Y Buffer base address
The Y buffer base address value is set by the MCU to program the base address
location in memory to be used for the Y data buffer. A total of 11 bits is used to specify
the base address location. This byte specifies the most significant 8 bits of the
address. All 0s are used by the hardware for the three least significant bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com