Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200 Datasheet(PDF) 62 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 58Page - Texas Instruments TUSB3200 Datasheet HTML 59Page - Texas Instruments TUSB3200 Datasheet HTML 60Page - Texas Instruments TUSB3200 Datasheet HTML 61Page - Texas Instruments TUSB3200 Datasheet HTML 62Page - Texas Instruments TUSB3200 Datasheet HTML 63Page - Texas Instruments TUSB3200 Datasheet HTML 64Page - Texas Instruments TUSB3200 Datasheet HTML 65Page - Texas Instruments TUSB3200 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 93 page
background image
A–14
A.4.4.6.2 USB In Endpoint – Isochronous Configuration Byte
This section defines the functionality of the bits in the USB in endpoint configuration byte for isochronous endpoints.
Bit
7
6
5
4
3
2
1
0
Mnemonic
IEPEN
ISO
OVF
BPS4
BPS3
BPS2
BPS1
BPS0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
MNEMONIC
NAME
DESCRIPTION
7
IEPEN
Endpoint enable
The endpoint enable bit is set to a 1 by the MCU to enable the in endpoint.
6
ISO
Isochronous endpoint
The isochronous endpoint bit is set to a 1 by the MCU to specify the use of a
particular in endpoint for isochronous transactions. This bit should be cleared to a 0
by the MCU for a particular in endpoint to be used for control, interrupt, or bulk
transactions.
5
OVF
Overflow
The overflow bit is set to a 1 by the UBM to indicate a buffer overflow condition has
occurred. This bit is used for diagnostic purposes only and is not used for normal
operation. This bit can only be cleared to a 0 by the MCU.
4:0
BPS(4:0)
Bytes per sample
The bytes per sample bits are used to define the number of bytes per isochronous
data sample. In other words, the total number of bytes in an entire audio CODEC
frame. For example, a PCM 16-bit stereo audio data sample consists of 4 bytes.
There are two bytes of left channel data and two bytes of right channel data. For a
four channel system using 16-bit data, the total number of bytes would be 8, which
would be the isochronous data sample size.
00h = 1 byte,
01h = 2 bytes,
…,
1Fh = 32 bytes
A.4.5
USB Control Endpoint Setup Stage Data Packet Buffer
The USB control endpoint setup stage data packet buffer is the buffer space used to store the 8-byte data packet
received from the host PC during a control endpoint transfer setup stage transaction. Refer to Chapter 9 of the USB
Specification for details on the data packet.
Table A–2. USB Control Endpoint Setup Data Packet Buffer Address Map
ADDRESS
NAME
FF2Fh
wLength – Number of bytes to transfer in the data stage.
FF2Eh
wLength – Number of bytes to transfer in the data stage.
FF2Dh
wIndex – Index or offset value.
FF2Ch
wIndex – Index or offset value.
FF2Bh
wValue – Value of a parameter specific to the request.
FF2Ah
wValue – Value of a parameter specific to the request.
FF29h
bRequest – Specifies the particular request.
FF28h
bmRequestType – Identifies the characteristics of the request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com