Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200 Datasheet(PDF) 24 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 20Page - Texas Instruments TUSB3200 Datasheet HTML 21Page - Texas Instruments TUSB3200 Datasheet HTML 22Page - Texas Instruments TUSB3200 Datasheet HTML 23Page - Texas Instruments TUSB3200 Datasheet HTML 24Page - Texas Instruments TUSB3200 Datasheet HTML 25Page - Texas Instruments TUSB3200 Datasheet HTML 26Page - Texas Instruments TUSB3200 Datasheet HTML 27Page - Texas Instruments TUSB3200 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 93 page
background image
2–8
Data Stage Transaction(s):
1.
The host PC sends an out token packet followed by a data packet addressed to out endpoint 0. If the data
is received without an erro,r then the UBM will write the data to the endpoint buffer, update the data count
value, toggle the TOGGLE bit, set the NACK bit to a 1, return an ACK handshake to the host PC, and assert
the endpoint interrupt.
2.
The MCU services the interrupt and reads the data packet from the buffer. To read the data packet, the MCU
first needs to obtain the data count value. After reading the data packet, the MCU should clear the interrupt
and clear the NACK bit to allow the reception of the next data packet from the host PC.
3.
If the NACK bit is set to a 1 when the data packet is received, the UBM simply returns a NAK handshake
to the host PC. IF the STALL bit is set to a 1 when the data packet is received, the UBM simply returns A
STALL handshake to the host PC. If a CRC or bit stuff error occurs when the data packet is received, then
no handshake is returned to the host PC.
Status Stage Transaction:
1.
For in endpoint 0, the MCU updates the data count value to zero, sets the TOGGLE bit to 1, then clears the
NACK bit to a 0 to enable the data packet to be sent to the host PC. Note that for a status stage transaction
a null data packet with a DATA1 PID is sent to the host PC.
2.
The host PC sends an in token packet addressed to in endpoint 0. After receiving the in token, the UBM
transmits a null data packet to the host PC. If the data packet is received without errors by the host PC, then
an ACK handshake is returned. The UBM will then toggle the TOGGLE bit, set the NACK bit to a 1, and
assert the endpoint interrupt.
3.
If the NACK bit is set to a 1 when the in token packet is received, the UBM simply returns a NAK handshake
to the host PC. IF the STALL bit is set to a 1 when the in token packet is received, the UBM simply returns
a STALL handshake to the host PC. If no handshake packet is received from the host PC, then the UBM
prepares to retransmit the same data packet again.
2.2.7.1.2 Control Write With No Data Stage Transfer (Out Transfer)
The host PC uses a control write transfer to write data to the USB function. A control write with no data stage transfer
consists of a setup stage transaction and an in status stage transaction. For this type of transfer, the data to be written
to the USB function is contained in the two byte value field of the setup stage transaction data packet.
The steps to be followed for a control write with no data stage transfer are as follows:
1.
MCU initializes in endpoint 0 and out endpoint 0 by programming the appropriate USB endpoint
configuration blocks. This entails programming the buffer size and buffer base address, selecting the buffer
mode, enabling the endpoint interrupt, initializing the TOGGLE bit, enabling the endpoint, and clearing the
NACK bit for both in endpoint 0 and out endpoint 0.
Setup Stage Transaction:
2.
The host PC sends a setup token packet followed by the setup data packet addressed to out endpoint 0.
If the data is received without an error then the UBM will write the data to the setup data packet buffer, set
the setup stage transaction (SETUP) bit to a 1 in the USB status register, return an ACK handshake to the
host PC, and assert the setup stage transaction interrupt. Note that as long as the setup transaction
(SETUP) bit is set to a 1, the UBM will return a NAK handshake for any data stage or status stage
transactions regardless of the endpoint 0 NACK or STALL bit values.
3.
The MCU services the interrupt and reads the setup data packet from the buffer then decodes the
command. If the command is not supported or valid, the MCU should set the STALL bit in the out endpoint
0 configuration byte and the in endpoint 0 configuration byte before clearing the setup stage transaction
(SETUP) bit. This will cause the device to return a STALL handshake for an data stage or status stage
transactions. After reading the data packet and decoding the command, the MCU should clear the interrupt,
which will automatically clear the setup stage transaction status bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com