Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200 Datasheet(PDF) 46 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 42Page - Texas Instruments TUSB3200 Datasheet HTML 43Page - Texas Instruments TUSB3200 Datasheet HTML 44Page - Texas Instruments TUSB3200 Datasheet HTML 45Page - Texas Instruments TUSB3200 Datasheet HTML 46Page - Texas Instruments TUSB3200 Datasheet HTML 47Page - Texas Instruments TUSB3200 Datasheet HTML 48Page - Texas Instruments TUSB3200 Datasheet HTML 49Page - Texas Instruments TUSB3200 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 93 page
background image
3–6
3.4.6
I2C Interface Signals Over Recommended Operating Conditions
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
STANDARD
MODE
FAST MODE
UNITS
MIN
MAX
MIN
MAX
fSCL
Frequency, SCL
0
100
0
400
kHz
tw(H)
Pulse duration, SCL high
4
0.6
µs
tw(L)
Pulse duration, SCL low
4.7
1.3
µs
tr
Rise time, SCL and SDA
1000
300
ns
tf
Fall time, SCL and SDA
300
300
ns
tsu1
Setup time, SDA to SCL
250
100
ns
th1
Hold time, SCL to SDA
0
0
ns
tbuf
Bus free time between stop and start condition
4.7
1.3
µs
tsu2
Setup time, SCL to start condition
4.7
0.6
µs
th2
Hold time, start condition to SCL
4
0.6
µs
tsu3
Setup time, SCL to stop condition
4
0.6
µs
CL
Load capacitance for each bus line
400
400
pF
tw(H)
tw(L)
tr
tf
tsu1
th1
SCL
SDA
Figure 3–7. SCL and SDA Timing Waveforms
tsu2
th2
tsu3
tbuf
SCL
SDA
Start Condition
Stop Condition
Figure 3–8. Start and Stop Conditions Timing Waveforms
12
8
9
SCL
SDA OUT
SDA IN
Figure 3–9. Acknowledge Timing Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com