Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200 Datasheet(PDF) 80 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 80 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 76Page - Texas Instruments TUSB3200 Datasheet HTML 77Page - Texas Instruments TUSB3200 Datasheet HTML 78Page - Texas Instruments TUSB3200 Datasheet HTML 79Page - Texas Instruments TUSB3200 Datasheet HTML 80Page - Texas Instruments TUSB3200 Datasheet HTML 81Page - Texas Instruments TUSB3200 Datasheet HTML 82Page - Texas Instruments TUSB3200 Datasheet HTML 83Page - Texas Instruments TUSB3200 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 93 page
background image
A–32
A.5.4.4 CODEC Port Interface Configuration Register 4 (CPTCNF4 – Address FFDDh)
The CODEC port interface configuration register 4 is used to store various control bits for the CODEC port interface
operation.
Bit
7
6
5
4
3
2
1
0
Mnemonic
ATSL3
ATSL2
ATSL1
ATSL0
CLKS
DIVB2
DIVB1
DIVB0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:4
ATSL(3:0)
Command/status address/data
time slot
The command/status address/data time slot bits are set by the MCU to program the
time slots to be used for the secondary communication address and data values. For
the AC ’97 modes of operation, this value should be set to 0001b which will result in
time slot 1 being used for the address and time slot 2 being used for the data. For the
AIC and general-purpose modes of operation, the same time slot is used for both
address and data. For the AIC mode of operation, for example, this value should be
set to 0111b which will result in time slot 7 being used for both the address and data.
0000b = time slot 0,
0001b = time slot 1,
…, 1111b = time slot 15
3
CLKS
Clock select
The clock select bit is used by the MCU to select the source of the clock signal to be
used for the divide by B circuit. The MCU sets this bit to a 1 to select the output of the
divide by I circuit as the clock for the divide by B circuit. The MCU sets this bit to a 0 to
select the output of the divide by M circuit as the clock for the divide by B circuit.
2:0
DIVB(2:0)
Divide by B value
The divide by B control bits are set by the MCU to program the CSCLK signal divider.
000b = disabled
001b = divide by 2
010b = divide by 3
011b = divide by 4
100b = divide by 5
101b = divide by 6
110b = divide by 7
111b = divide by 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com