Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB3200 Datasheet(PDF) 87 Page - Texas Instruments

Part # TUSB3200
Description  USB Streaming Controller STC
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3200 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TUSB3200 Datasheet HTML 83Page - Texas Instruments TUSB3200 Datasheet HTML 84Page - Texas Instruments TUSB3200 Datasheet HTML 85Page - Texas Instruments TUSB3200 Datasheet HTML 86Page - Texas Instruments TUSB3200 Datasheet HTML 87Page - Texas Instruments TUSB3200 Datasheet HTML 88Page - Texas Instruments TUSB3200 Datasheet HTML 89Page - Texas Instruments TUSB3200 Datasheet HTML 90Page - Texas Instruments TUSB3200 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 93 page
background image
A–39
A.5.6
PWM Registers
This section describes the memory-mapped registers used for the PWM output control and operation. The PWM
output has a set of three registers.
A.5.6.1 PWM Frequency Register (PWMFRQ – Address FFBFh)
The PWM frequency register contains the control bits for programming the frequency of the PWM output and for
enabling the PWM output circuitry.
Bit
7
6
5
4
3
2
1
0
Mnemonic
PWMEN
FRQ6
FRQ5
FRQ4
FRQ3
FRQ2
FRQ1
FRQ0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7
PWMEN
PWM output enable
The PWM output enable bit is set to a 1 by the MCU to enable the PWM output
circuitry.
6:0
FRQ(6:0)
PWM frequency
The PWM frequency control bits are set by the MCU to program the frequency of the
PWM output signal. The frequency range defined by the 7-bit value is from 00h =
732.4 Hz to EFh = 93.75 kHz.
A.5.6.2 PWM Pulse Width Register (Low Byte) (PWMPWL – Address FFBEh)
The PWM pulse width register (low byte) contains the least significant byte of the 16-bit PWM output pulse width value.
Bit
7
6
5
4
3
2
1
0
Mnemonic
PW7
PW6
PW5
PW4
PW3
PW2
PW1
PW0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
PW(7:0)
PWM pulse width
The PWM pulse width control bits are set by the MCU to program the pulse width
(duty cycle) of the PWM output signal. A value of 0000h results in a 0-V dc level and a
value of FFFFh results in a 5-V dc level.
A.5.6.3 PWM Pulse Width Register (High Byte) (PWMPWH – Address FFBDh)
The PWM pulse width register (high byte) contains the most significant byte of the 16-bit PWM output pulse width
value.
Bit
7
6
5
4
3
2
1
0
Mnemonic
PW15
PW14
PW13
PW12
PW11
PW10
PW9
PW8
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
BIT
MNEMONIC
NAME
DESCRIPTION
7:0
PW(15:8)
PWM pulse width
The PWM pulse width control bits are set by the MCU to program the pulse width
(duty cycle) of the PWM output signal. A value of 0000h results in a 0-V dc level and a
value of FFFFh results in a 5-V dc level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com